Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307BILP64B2 Datasheet(PDF) 28 Page - Cadeka Microcircuits LLC.

Part # CDK8307BILP64B2
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307BILP64B2 Datasheet(HTML) 28 Page - Cadeka Microcircuits LLC.

Back Button CDK8307BILP64B2 Datasheet HTML 21Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 22Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 23Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 24Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 25Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 26Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 27Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 28Page - Cadeka Microcircuits LLC. CDK8307BILP64B2 Datasheet HTML 29Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
28
PRELIMINARY Data Sheet
Mechanical Dimensions
QFN-64
A
A2
A3
A1
1
1.14
D
D1
E
E1
1.14
Pin 1 ID
Dia. 0.20
Pin 1 ID
0.05 Dia.
seating
plane
0.45
G
L
L
b
e
D2
E2
A
C
B
aaa C A
ccc C
bbb C A
aaa C B
bbb C B
F
0.10 M C
B
A
NOTES:
1. All dimensions are in millimeters.
2. Die thickness allowable is 0.305mm maximum (.012 inches maximum)
3. Dimensioning & tolerances conform to ASME y14.5m. -1994.
4. Dimension applies to plated terminal and is measured between 0.20 and 0.25mm from terminal tip.
5. The pin #1 identifier must be placed on the top surface of the package by using indentation mark
or other feature of package body.
6. Exact shape and size of this feature is optional.
7. Package warpage max 0.08mm.
8. Applied for exposed pad and terminals. Exclude embedding part of exposed pad from measuring.
9. Applied only to terminals.
10. Package corners unless otherwise specipied are r0.175±0.025mm.
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Inches
Millimeters
Symbol
Min
Typ
Max
Min
Typ
Max
A
–
–
0.035
–
–
0.9
A1
0.00
0.0004
0.002
0.00
0.01
0.05
A2
–
0.026
0.028
–
0.65
0.7
A3
0.008 REF
0.2 REF
b
0.008
0.010
0.012
0.2
0.25
0.30
D
0.354 BSC
9.00 BSC
D1
0.354 BSC
8.75 BSC
D2
0.197
0.205
0.213
5.0
5.2
5.4
E
0.354 BSC
9.00 BSC
E1
0.344 BSC
8.75 BSC
E2
0.197
0.205
0.213
5.0
5.2
5.4
F
0.05
–
–
1.3
–
–
G
0.0096
0.0168
0.024
0.24
0.42
0.6
L
0.012
0.016
0.020
0.3
0.4
0.5
e
0.020 BSC
0.50 BSC
1
0°
–
12°
0°
–
12°
Tolerance of Form and Position
aaa
0.10
0.004
bbb
0.10
0.004
ccc
0.05
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com