Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1001 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC1001
Description  Ultra-Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1001 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC1001 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1001 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1001 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1001 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1001 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1001 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1001 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1001 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1001 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
©2008 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC1001
Ultra-Low Noise Amplifier
Amplify the Human Experience
F E A T U R E S
n
0.6 nV/√Hz input voltage noise
n
1mV maximum input offset voltage
n
2.1GHz gain bandwidth product
n
Minimum stable gain of 10
n
410V/μs slew rate
n
130mA output current
n
-40°C to +125°C operating temperature
range
n
Fully specified at 5V and ±5V supplies
n
CLC1001: Lead-free SOT23-6, SOIC-8
n
Future option CLC2001
A P P L I C A T I O N S
n
Transimpedance amplifiers
n
Pre-amplifier
n
Low noise signal processing
n
Medical instrumentation
n
Probe equipment
n
Test equipment
n
Ultrasound channel amplifier
General Description
The COMLINEAR CLC1001(single) is a high-performance, voltage feed-
back amplifier with ultra-low input voltage noise, 0.6nV/√Hz. The CLC1001
provides 2.1GHz gain bandwidth product and 410V/μs slew rate making it
well suited for high-speed data acquisition systems requiring high levels of
sensitivity and signal integrity. This COMLINEAR high-performance amplifier
also offers low input offset voltage.
The COMLINEAR CLC1001 is designed to operate from 4V to 12V supplies.
It consumes only 12.5mA of supply current per channel and offers a power
saving disable pin that disables the amplifier and decreases the supply cur-
rent to below 225μA. The CLC1001 amplifier operates over the extended
temperature range of -40°C to +125°C.
If a lower minimum stable gain is required, the CLC1002 offers a minimum
stable gain of 5.
Typical Application - Single Supply Photodiode Amplifier
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1001IST6X
SOT23-6
Yes
Yes
-40°C to +85°C
Reel
CLC1001ISO8X*
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC1001ISO8*
SOIC-8
Yes
Yes
-40°C to +85°C
Rail
CLC1001AST6X
SOT23-6
Yes
Yes
-40°C to +125°C
Reel
CLC1001ASO8X*
SOIC-8
Yes
Yes
-40°C to +125°C
Reel
CLC1001ASO8*
SOIC-8
Yes
Yes
-40°C to +125°C
Rail
*Preliminary Product Information
Moisture sensitivity level for all parts is MSL-1.


Similar Part No. - CLC1001

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1001ISO8 EXAR-CLC1001ISO8 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1001ISO8X EXAR-CLC1001ISO8X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1001IST6X EXAR-CLC1001IST6X Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
CLC1001IST6X EXAR-CLC1001IST6X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
More results

Similar Description - CLC1001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
Dual Ultra Low Noise Amplifier
October 19, 2006
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Mini-Circuits
PMA-5451+ MINI-PMA-5451+ Datasheet
156Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5452+ MINI-PMA-5452+ Datasheet
155Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5456+ MINI-PMA-5456+ Datasheet
156Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5454+ MINI-PMA-5454+ Datasheet
156Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-5453 MINI-PSA-5453_11 Datasheet
191Kb / 1P
Ultra Low Noise MMIC Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Broadcom Corporation.
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
Ultra Low Noise, High Linearity Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com