Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1001ASO8 Datasheet(PDF) 14 Page - Cadeka Microcircuits LLC.

Part # CLC1001ASO8
Description  Ultra-Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1001ASO8 Datasheet(HTML) 14 Page - Cadeka Microcircuits LLC.

Back Button CLC1001ASO8 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1001ASO8 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1001ASO8 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1001ASO8 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1001ASO8 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1001ASO8 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1001ASO8 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1001ASO8 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC1001ASO8 Datasheet HTML 17Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
14
eo2 = en2 1+
Rf
Rg
2
+
in2Rs2 1+
Rf
Rg
2
+
ii2Rf2 op amp noise terms en, in and ii
op amp noise terms en, in and ii
+ eRs
2
1 +
R
f
R
g
2
+ eRg
2
R
f
R
g
2
+ eRf
2
external resistor noise terms for Rs, Rg and Rf
external resistor noise terms for RS, Rg and Rf
High source impedances are sometimes unavoidable, but
they increase noise from the source impedance and also
make the circuit more sensitive to the op amp current
noise. Analyze all noise sources in the circuit, not just the
op amp itself, to achieve low noise in your application.
Power Dissipation
Power dissipation should not be a factor when operat-
ing under the stated 500Ω load condition. However, ap-
plications with low impedance, DC coupled loads should
be analyzed to ensure that maximum allowed junction
temperature is not exceeded. Guidelines listed below can
be used to verify that the particular application will not
cause the device to operate beyond it’s intended operat-
ing range.
Maximum power levels are set by the absolute maximum
junction rating of 150°C. To calculate the junction tem-
perature, the package thermal resistance value ThetaJA
(ӨJA) is used along with the total die power dissipation.
TJunction = TAmbient + (ӨJA × PD)
Where TAmbient is the temperature of the working environment.
In order to determine PD, the power dissipated in the load
needs to be subtracted from the total power delivered by
the supplies.
PD = Psupply - Pload
Supply power is calculated by the standard power equa-
tion.
Psupply = Vsupply × IRMS supply
Vsupply = VS+ - VS-
Power delivered to a purely resistive load is:
Pload = ((VLOAD)RMS2)/Rloadeff
The effective load resistor (Rloadeff) will need to include
the effect of the feedback network. For instance,
Rloadeff in figure 3 would be calculated as:
RL || (Rf + Rg)
These measurements are basic and are relatively easy to
perform with standard lab equipment. For design purposes
however, prior knowledge of actual signal levels and load
impedance is needed to determine the dissipated power.
Here, PD can be found from
PD = PQuiescent + PDynamic - PLoad
Quiescent power can be derived from the specified IS val-
ues along with known supply voltage, VSupply. Load power
can be calculated as above with the desired signal ampli-
tudes using:
(VLOAD)RMS = VPEAK / √2
( ILOAD)RMS = ( VLOAD)RMS / Rloadeff
The dynamic power is focused primarily within the output
stage driving the load. This value can be calculated as:
PDYNAMIC = (VS+ - VLOAD)RMS × ( ILOAD)RMS
Assuming the load is referenced in the middle of the pow-
er rails or Vsupply/2.
Figure 4 shows the maximum safe power dissipation in
the package vs. the ambient temperature for the pack-
ages available.
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
SOT23-6
SOIC-8
Figure 4. Maximum Power Derating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com