Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1002 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CLC1002
Description  Ultra-Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1002 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC1002 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1002 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1002 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1002 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1002 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1002 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1002 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1002 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC1002 Datasheet HTML 17Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
13
Application Information
Basic Operation
Figures 1 and 2 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL
Figure 1. Typical Non-Inverting Gain Circuit
Figure 2. Typical Inverting Gain Circuit
Achieving Low Noise in an Application
Making full use of the low noise of the CLC1002 requires
careful consideration of resistor values. The feedback and
gain set resistors (Rf and Rg) and the non-inverting source
impedance (Rsource) all contribute noise to the circuit and
can easily dominate the overall noise if their values are
too high. The datasheet is specified with an Rg of 25Ω, at
which point the noise from Rf and Rg is about equal to the
noise from the CLC1002. Lower value resistors could be
used at the expense of more distortion.
Figure 3 shows total input voltage noise (amp+resistors)
versus Rf and Rg. As the value of Rf increases, the total
input referred noise also increases.
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
100
1000
Rf (Ohms)
G = +5
G = +11
G = +21
Figure 3: Input Referred Voltage Noise vs. Rf and Rg
The noise caused by a resistor is modeled with either a
voltage source in series with the resistance:
4kTR
Or a current source in parallel with it:
i
R
R =
4kT
Op amp noise is modeled with three noise sources, en, in
and ii. These three sources are analogous to the DC input
voltage and current errors Vos, Ibn and Ibi.
The noise models must be analyzed in-circuit to deter-
mine the effect on the op amp output noise.
Since noise is statistical in nature rather than a continuous
signal, the set of noise sources in circuit add in an RMS
(root mean square) fashion rather than in a linear fashion.
For uncorrelated noise sources, this means you add the
squares of the noise voltages. A typical non-inverting ap-
plication (see figure 1) results in the following noise at the
output of the op amp:
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com