Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1002ISO8X Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # CLC1002ISO8X
Description  Ultra-Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1002ISO8X Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button CLC1002ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1002ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1002ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1002ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1002ISO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1002ISO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1002ISO8X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1002ISO8X Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1002ISO8X Datasheet HTML 16Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
12
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = 100Ω, RL = 500Ω , G = 5; unless otherwise noted.
CMRR vs. Frequency
PSRR vs. Frequency
Off Isolation
Off Isolation at VS = 5V
Enable Response at VS = 5V
Disable Response at VS = 5V
-0.5
0
0.5
1
1.5
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
-50
0
50
100
150
200
Time (ns)
Output
Enable
-0.5
0
0.5
1
1.5
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
-100
0
100
200
300
400
Time (ns)
Output
Disable
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
1
10
100
Frequency (MHz)
VOUT = 2Vpp
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
1
10
100
Frequency (MHz)
VOUT = 2Vpp
VOUT = 2Vpp
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
Frequency (MHz)
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com