Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1004 Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # CLC1004
Description  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1004 Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button CLC1004 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1004 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1004 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1004 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1004 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1004 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1004 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1004 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1004 Datasheet HTML 16Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
12
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = Rg =150Ω, RL = 150Ω, G = 2; unless otherwise noted.
CMRR vs. Frequency
PSRR vs. Frequency
2nd Harmonic Distortion vs. VOUT
3rd Harmonic Distortion vs. VOUT
2nd Harmonic Distortion vs. RL
3rd Harmonic Distortion vs. RL
-100
-90
-80
-70
-60
-50
-40
0
5
10
15
20
Frequency (MHz)
RL = 150Ω
VOUT = 2Vpp
RL = 499Ω
-100
-90
-80
-70
-60
-50
0
5
10
15
20
Frequency (MHz)
RL = 150Ω
VOUT = 2Vpp
RL = 499Ω
-100
-90
-80
-70
-60
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Output Amplitude (Vpp)
10MHz
5MHz
1MHz
-100
-90
-80
-70
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Output Amplitude (Vpp)
10MHz
5MHz
1MHz
Frequency (Hz)
10k
100k
1M
10M
100M
-55
-50
-45
-40
-35
-30
-25
-20
VS = ±5.0V
Frequency (MHz)
0.01
0.1
1
10
100
-70
-60
-50
-40
-30
-20
-10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com