Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1006 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CLC1006
Description  Single, 500MHz Voltage Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1006 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC1006 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1006 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1006 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1006 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1006 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1006 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1006 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1006 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1006 Datasheet HTML 16Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
13
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
SOT23-5
SOIC-8
Figure 3. Maximum Power Derating
Driving Capacitive Loads
Increased phase delay at the output due to capacitive load-
ing can cause ringing, peaking in the frequency response,
and possible unstable behavior. Use a series resistance,
RS, between the amplifier and the load to help improve
stability and settling performance. Refer to Figure 4.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 4. Addition of RS for Driving
Capacitive Loads
Table 1 provides the recommended RS for various capaci-
tive loads. The recommended RS values result in <=1dB
peaking in the frequency response. The Frequency Re-
sponse vs. CL plots, on page 7, illustrates the response of
the CLC1006.
CL (pF)
RS (Ω)
-3dB BW (MHz)
20
20
300
50
15
210
100
11
150
500
6
68
1000
3.3
55
Table 1: Recommended RS vs. CL
For a given load capacitance, adjust RS to optimize the
tradeoff between settling time and bandwidth. In general,
reducing RS will increase bandwidth at the expense of ad-
ditional overshoot and ringing.
Overdrive Recovery
An overdrive condition is defined as the point when ei-
ther one of the inputs or the output exceed their specified
voltage range. Overdrive recovery is the time needed for
the amplifier to return to its normal or linear operating
point. The recovery time varies, based on whether the
input or output is overdriven and by how much the range
is exceeded. The CLC1006 will typically recover in less
than 25ns from an overdrive condition. Figure 5 shows the
CLC1006 in an overdriven condition.
Figure 5. Overdrive Recovery
Layout Considerations
General layout and supply bypassing play major roles
in high frequency performance. CaDeKa has evaluation
boards to use as a guide for high frequency layout and as
aid in device testing and characterization. Follow the steps
below as a basis for high frequency layout:
• Include 6.8µF and 0.1µF ceramic capacitors for power
supply decoupling
• Place the 6.8µF capacitor within 0.75 inches of the power pin
• Place the 0.1µF capacitor within 0.1 inches of the power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more in-
formation.
-5
-4
-3
-2
-1
0
1
2
3
4
5
-3
-2
-1
0
1
2
3
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
Output
Input
VIN = 2.5Vpp
G = 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com