Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1003ASO8 Datasheet(PDF) 14 Page - Cadeka Microcircuits LLC.

Part # CLC1003ASO8
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1003ASO8 Datasheet(HTML) 14 Page - Cadeka Microcircuits LLC.

Back Button CLC1003ASO8 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1003ASO8 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1003ASO8 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1003ASO8 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1003ASO8 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1003ASO8 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1003ASO8 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1003ASO8 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1003ASO8 Datasheet HTML 16Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
14
The first place to start is to determine the source resis-
tance. If it is very small an additional resistance may need
to be added to keep the values of Rf and Rg to practical
levels. For this analysis we assume that Rt is the total re-
sistance present on the non-inverting input. This gives us
one equation that we must solve:
Rt = Rg||Rf
This equation can be rearranged to solve for Rg:
Rg = (Rt * Rf) / (Rf - Rt)
The other consideration is desired gain (G) which is:
G = (1 + Rf/Rg)
By plugging in the value for Rg we get
Rf = G * Rt
And Rg can be written in terms of Rt and G as follows:
Rg = (G * Rt) / (G - 1)
The complete input offset equation is now only dependent
on the voltage offset and input offset terms given by:
VI
OS =
V
IO
( )
2
+ IOS ∗ RT
(
)
2
And the output offset is:
VO
OS = G ∗
V
IO
( )
2
+ I OS ∗ RT
(
)
2
Noise analysis
The complete equivalent noise circuit is shown in Figure 7.
Rg
Rf
RL
–
+
CLC1003
+ –
+ –
Rg
+ –
+
–
+ –
Figure 7: Complete Equivalent Noise Circuit
The complete noise equation is given by:
v
2
o = v
2
orext + en 1 +
RF
RG
2
+ ibp∗ RT 1 +
RF
RG
2
+ ibn∗ RF
(
)
2
Where Vorext is the noise due to the external resistors and
is given by:
= en 1 +
RF
RG
2
+ eG ∗
RF
RG
2
+ e
2
F
v
2
o
The complete equation can be simplified to:
= 3 ∗ 4kT ∗ G ∗ RT
(
) + enG
( )
2
+ 2 ∗ in∗RT
(
)
2
v
2
o
It’s easy to see that the effect of amplifier voltage noise
is proportionate to gain and will tend to dominate at large
gains. The other terms will have their greatest impact at
large Rt values at lower gains.
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. CADEKA has evaluation
boards to use as a guide for high frequency layout and as
aid in device testing and characterization. Follow the steps
below as a basis for high frequency layout:
• Include 6.8µF and 0.1µF ceramic capacitors for power
supply decoupling
• Place the 6.8µF capacitor within 0.75 inches of the power pin
• Place the 0.1µF capacitor within 0.1 inches of the power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more in-
formation.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB002
CLC1003 in SOT23-5
CEB003
CLC1003 in SOIC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com