Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1004IST6 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CLC1004IST6
Description  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1004IST6 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CLC1004IST6 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1004IST6 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1004IST6 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1004IST6 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1004IST6 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1004IST6 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1004IST6 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1004IST6 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1004IST6 Datasheet HTML 15Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
11
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = Rg =150Ω, RL = 150Ω, G = 2; unless otherwise noted.
Closed Loop Output Impedance vs. Frequency
Input Voltage Noise
-3dB Bandwidth vs. VOUT
-3dB Bandwidth vs. VOUT at VS = 5V
Gain Flatness
Gain Flatness at VS = 5V
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
0.1
1
10
100
Frequency (MHz)
VOUT = 2Vpp
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
100
1000
Frequency (MHz)
VOUT = 2Vpp
150
250
350
450
550
650
750
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VOUT (VPP)
100
200
300
400
500
600
0.0
0.5
1.0
1.5
2.0
2.5
VOUT (VPP)
Frequency (Hz)
10k
100k
1M
10M
100M
1G
0.01
0.1
1
10
VS = ±5.0V
Frequency (MHz)
0.0001
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com