Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1014IST5X Datasheet(PDF) 18 Page - Cadeka Microcircuits LLC.

Part # CLC1014IST5X
Description  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1014IST5X Datasheet(HTML) 18 Page - Cadeka Microcircuits LLC.

Back Button CLC1014IST5X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1014IST5X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1014IST5X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1014IST5X Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1014IST5X Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC1014IST5X Datasheet HTML 17Page - Cadeka Microcircuits LLC. CLC1014IST5X Datasheet HTML 18Page - Cadeka Microcircuits LLC. CLC1014IST5X Datasheet HTML 19Page - Cadeka Microcircuits LLC. CLC1014IST5X Datasheet HTML 20Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
18
ROUT1
RF1
RIN1
RG1
IN1
OUT1
Board Mounting Holes
ROUT3
RF3
RIN3
RG3
IN3
OUT3
ROUT2
RF2
RIN2
RG2
IN2
OUT2
DIS
14
14
14
15
1
2
12
4
5
3,6,9
16,13,11
10
7
8
Figure 12. CEB012 Schematic
Figure 13. CEB012 Top View
Figure 14. CEB012 Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com