Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1014IST5 Datasheet(PDF) 14 Page - Cadeka Microcircuits LLC.

Part # CLC1014IST5
Description  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1014IST5 Datasheet(HTML) 14 Page - Cadeka Microcircuits LLC.

Back Button CLC1014IST5 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 17Page - Cadeka Microcircuits LLC. CLC1014IST5 Datasheet HTML 18Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
14
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = Rg =150Ω, RL = 150Ω, G = 2; unless otherwise noted.
Differential Gain & Phase AC Coupled Output at VS = ±2.5V
Differential Gain & Phase DC Coupled at VS = ±2.5V
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
Input Voltage (V)
DG
RL = 150Ω
AC coupled
DP
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
Input Voltage (V)
DG
RL = 150Ω
DC coupled
DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com