Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3004ISO16X Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CLC3004ISO16X
Description  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3004ISO16X Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CLC3004ISO16X Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
3
CLC1014 Pin Assignments
Pin No.
Pin Name
Description
1
OUT
Output
2
-VS
Negative supply
3
+IN
Positive input
4
-IN
Negative input
5
+VS
Positive supply
CLC1014 Pin Configuration
2
3
5
4
+IN
+VS
-IN
1
-VS
OUT
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com