Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS312SAH4-R Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SS312SAH4-R
Description  Ultra-Miniature SMT Slides
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SS312SAH4-R Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  SS312SAH4-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SS312SAH4-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SS312SAH4-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SS312SAH4-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. SS312SAH4-R Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. SS312SAH4-R Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature SMT Slides
Series SS3
R
Tape-Reel Packaging for SS312SAH4
Each tape-reel of 530 pockets contains 500 switches.
Minimum Leader Length: 11.97” (304mm)
Minimum Trailer Length: 6.93” (176mm)
Tape Dimensions
Reel Dimensions
Tape-Reel Packaging
Switches must be ordered in 500-piece
increments when tape-reel packaging is
selected.
Tape-reel packaging meets EIA-481-2
Standard.
PACKAGING
Tape-Reel Packaging for SS314MAH4
Each tape-reel of 530 pockets contains 500 switches.
Minimum Leader Length: 14.96” (380mm)
Minimum Trailer Length: 8.66” (220mm)
Tape Dimensions
Reel Dimensions
(13.0) Dia
.512
(2.0) Typ
.079
(21.0) Dia
.827
Overall Dia (330.0)
13.0
(13.0) Dia
.512
(2.0) Typ
.079
(21.0) Dia
.827
Overall Dia (330.0)
13.0
(78.49) Dia
3.090
(2.0)
.079
(16.4)
.646
(78.49) Dia
3.090
(2.0)
.079
(16.4)
.646
(0.5)
.020
(3.4)
.134
(0.5)
.020
(3.4)
.134
(16.0)
.630
(7.5)
.295
(16.0) Typ
.630
(12.0) Typ
.472
(1.75)
.069
(4.0) Typ
.157
(2.0) Typ
.079
(3.0) Typ
.118
(1.5) Dia Typ
.059
Direction of Feed
(20.0) Typ
.787
(14.8) Typ
.583
(16.0)
.630
(7.5)
.295
(1.75)
.069
(4.0) Typ
.157
(2.0) Typ
.079
(1.5) Dia Typ
.059
Direction of Feed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com