Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1011ISC5X Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CLC1011ISC5X
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1011ISC5X Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CLC1011ISC5X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1011ISC5X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1011ISC5X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1011ISC5X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1011ISC5X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1011ISC5X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1011ISC5X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1011ISC5X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1011ISC5X Datasheet HTML 15Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Advance Data Sheet
©2009 CADEKA Microcircuits LLC
www.cadeka.com
11
Figure 7. Overdrive Recovery
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. CaDeKa has evaluation
boards to use as a guide for high frequency layout and as
an aid in device testing and characterization. Follow the
steps below as a basis for high frequency layout:
• Include 6.8µF and 0.1µF ceramic capacitors for power
supply decoupling
• Place the 6.8µF capacitor within 0.75 inches of the power pin
• Place the 0.1µF capacitor within 0.1 inches of the power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more in-
formation.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB011
CLC1011 in SC70
CEB002
CLC1011 in SOT23
CEB006
CLC2011 in SOIC
CEB010
CLC2011 in MSOP
CEB018
CLC4011 in SOIC
CEB017
CLC4011 in TSSOP
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in Fig-
ures 8-14. These evaluation boards are built for dual- sup-
ply operation. Follow these steps to use the board in a
single-supply application:
1. Short -Vs to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.
Figure 8. CEB002 Schematic
Figure 9. CEB002 Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com