Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12SBP2 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SS12SBP2
Description  Ultra-Miniature Slides
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SS12SBP2 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  SS12SBP2 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SS12SBP2 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SS12SBP2 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SS12SBP2 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. SS12SBP2 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Slides
Series SS
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code 2):
0.1A @ 30V DC
Logic Level (code 4):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
20 milliohms maximum for power level; 40 milliohms maximum for logic level
Insulation Resistance:
100 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum 1 minute minimum
Mechanical Life:
10,000 operations minimum
Electrical Life:
10,000 operations minimum
Contact Timing:
Shorting (make-before-break)
Total Travel:
.079” (2.0mm)
Materials & Finishes
Actuator:
Polyamide
Upper Case:
Polyester for 3-On models; polyacetal for all other models
Lower Case:
Glass fiber reinforced polyester for 3-On models;
glass fiber reinforced polybutylene terephthalate (thermoplastic) for other models
Movable Contactor:
Phosphor bronze with silver plating (code 2) or
phosphor bronze with gold plating (code 4)
Interior Base:
Phenolic resin (thermoset)
Terminals:
Brass with silver plating over copper plating or brass with gold plating
Environmental Data
Operating Temp Range:
–15°C through +60°C (+5°F through +140°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Wave Soldering: See Profile B in Supplement section.
Manual Solder: See Profile B in Supplement section.
Cleaning:
Hand clean locally using alcohol based solution.
Standards & Certifications
UL Recognition or
CSA Certification:
The SS series devices have not been tested for UL recognition and CSA certification.
These switches are designed for se in a low-voltage, low-current circuit.
When used as intended in a low-voltage, low-current circuit, the results do not produce
hazardous energy.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com