Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2LC Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SS22SDP2LC
Description  Ultra-Miniature Slides
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SS22SDP2LC Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  SS22SDP2LC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SS22SDP2LC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SS22SDP2LC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SS22SDP2LC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
07-07
Ultra-Miniature Slides
Series SS
1
2
3
L
L
(+)
(-)
4
5
6
(2.54) Typ
.100
(0.3) Typ
.012
(0.6) Typ
.024
(0.4) Typ
.016
(13.0)
.512
(2.0) Travel
.079
(0.4)
.016
(0.6) Typ
.024
(4.5)
.177
(3.0)
.118
(2.54) Typ
.100
(2.5)
.098
(2.5)
.098
(3.7)
.146
(9.0)
.354
L (+)
L (-)
1
2
3
(0.6) Typ
.024
(0.4) Typ
.016
(13.0)
.512
(0.3) Typ
.012
(2.54)
.100
(2.5)
.098
(2.0) Travel
.079
(2.5)
.098
(7.5)
.295
(3.7)
.146
(0.6) Typ
.024
(0.4)
.016
(2.54) Typ
.100
(3.0)
.118
(7.5)
.295
(4.85)
.191
1
2
3
L
L
(+)
(-)
(2.54)
.100
(13.0)
.512
(0.3) Typ
.012
(0.4) Typ
.016
(0.6) Typ
.024
(4.5)
.177
1
2
3
4
5
6
L
L (+)
(-)
(2.54) Typ
.100
(0.4) Typ
.016
(0.3) Typ
.012
(0.6) Typ
.024
(9.0)
.354
(13.0)
.512
(2.54) Typ
.100
1
2
3
L
L (+)
(-)
(2.54)
.100
(0.8) Dia Typ
.031
(2.54) Typ
.100
1
2
3
L
L (+)
(-)
(2.54)
.100
(0.8) Dia Typ
.031
6
5
4
1
2
3
L
L (+)
(-)
(2.54) Typ
.100
(2.54) Typ
.100
(0.8) Dia Typ
.031
6
5
4
1
2
3
L
L (+)
(-)
(2.54) Typ
.100
(2.54) Typ
.100
(0.8) Dia Typ
.031
CONTACT MATERIALS & RATINGS
2
Silver over Phosphor Bronze
Power Level
0.1A @ 30V DC
TYPICAL SWITCH DIMENSIONS
Side Actuated
Single & Double Pole
SS22SDP2LC
SS12SDH2LC
OPTIONAL CAP
AT4065 Slide Cap
Material: Polycarbonate
Cap can be assembled on request
Cap Color: Black only
Top Actuated
Single & Double Pole
Window color should match LED color.
Colors Available:
C Red
E Yellow
F Green
(8.5)
.335
(5.0)
.197
(3.2)
.126
(5.0)
.197
(11.0)
.433
(0.6)
.024
LED COLORS & SPECIFICATIONS
(+)
(-)
L
LEDs are supplied as an integral part
of the switch (not available separate-
ly). The lamp circuit is independent of
switch operation. Electrical specifica-
tions shown are determined at a basic
temperature of 25°C.
If the source voltage exceeds the rated
voltage, a ballast resistor is required.
The resistor value can be calculated
by using the formula given in the
Supplement.
Isolated,
1-element
Color
Red
Yellow
Green
Forward Peak Current
I
FM
30mA
30mA
25mA
Continuous Forward Current
I
F
16mA
16mA
16mA
Forward Voltage
V
F
1.98V
2.06V
2.16V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.40mA/°C 0.42mA/°C 0.33mA/°C
Ambient Temperature Range
–15° ~ +60°C
C
E
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com