Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3613ISO14 Datasheet(PDF) 18 Page - Cadeka Microcircuits LLC.

Part # CLC3613ISO14
Description  Single and Triple, 1.1mA, 200MHz Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3613ISO14 Datasheet(HTML) 18 Page - Cadeka Microcircuits LLC.

Back Button CLC3613ISO14 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 17Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 18Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 19Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 20Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 21Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 22Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
18
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB002
CLC1603
CEB018
CLC3613
CEB013
CLC3603
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in Fig-
ures 9-14. These evaluation boards are built for dual- sup-
ply operation. Follow these steps to use the board in a
single-supply application:
1. Short -Vs to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.
Figure 9. CEB002 Schematic
Figure 10. CEB002 Top View
Figure 11. CEB002 Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com