Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3821 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SW3821
Description  High Capacity Rockers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SW3821 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  SW3821 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SW3821 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SW3821 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SW3821 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-07
High Capacity Rockers
Series SW
Rocker Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole
Down
Center
Up
Resistive
Inductive
AC
125V
AC
250V
DC
30V
DC
125V
AC 125V
PF 0.6
AC 250V
PF 0.6
SW3821
DPST
ON
2-3 5-6
NONE
OFF
30A
30A
30A
1A
30A
15A
SW3822
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
30A
30A
30A
1A
30A
15A
SW3823
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
30A
30A
30A
1A
30A
15A
SW3821D
DPST
ON
2-3 5-6
NONE
OFF
30A
15A
SW3822D
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
30A
15A
SW3823D
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
30A
15A
Throw &
Schematics:
Note: Terminal numbers are
actually on the switch.
DOUBLE POLE WITH SCREW LUG
DPST
R
4
6
1
3
2
5
(COM)
DPDT
2
5
(COM)
3
6
R
R
R
R
R
Maximum Effective Panel Thickness .177” (4.5mm)
SW3822
Maximum Effective Panel Thickness .177” (4.5mm)
Panel cutout shown below.
Rocker Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole
Down
Center
Up
Resistive
Inductive
AC
125V
AC
250V
DC
30V
DC
125V
AC 125V
PF 0.6
AC 250V
PF 0.6
SW3831
3PST
ON 2-3 5-6 8-9
NONE
OFF
30A
30A
30A
1A
30A
15A
SW3832
3PDT ON 2-3 5-6 8-9
NONE
ON 2-1 5-4 8-7
30A
30A
30A
1A
30A
15A
SW3833
3PDT ON 2-3 5-6 8-9
OFF
ON 2-1 5-4 8-7
30A
30A
30A
1A
30A
15A
SW3831D
3PST
ON 2-3 5-6 8-9
NONE
OFF
30A
15A
SW3832D
3PDT ON 2-3 5-6 8-9
NONE
ON 2-1 5-4 8-7
30A
15A
SW3833D
3PDT ON 2-3 5-6 8-9
OFF
ON 2-1 5-4 8-7
30A
15A
Throw &
Schematics:
Note: Terminal numbers are
actually on the switch.
THREE POLE WITH SCREW LUG
3PST
R
3PDT
R
R
R
R
R
SW3821 & SW3821D do not have terminals 1 & 4.
SW3831 & SW3831D do not have terminals 1, 4 & 7.
2
5
(COM)
8
3
6
9
2
5
(COM)
8
3
1
6
4 9
7
(37.0)
1.457
(46.0)
1.811
(23.0)
.906
(3.5) Dia Typ
.138
(46.0)
1.811
M3 x 6
(22.0)
.866
(13.2)
.520
(44.5)
1.752
(6.7)
.264
26
°
(31.0)
1.220
(36.0)
1.417
(1.0)
.039
M4.5x6
(12.0) Typ
.472
(56.0)
2.205
(12.0)
.472
(24.0)
.945
(42.0)
1.654
3
2
1
6
5
4
(46.0)
1.811
M3 x 6
(22.0)
.866
(13.2)
.520
(44.5)
1.752
(6.7)
.264
26
°
(31.0)
1.220
(36.0)
1.417
(1.0)
.039
M4.5 x 6
(12.0) Typ
.472
(43.0)
1.693
(42.0)
1.654
3
2
1
9
8
7
6
5
4
(56.0)
2.205
(14.5) Typ
.571
R
R
R
R
R
R
R
R
R
R
R
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com