Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1605 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CLC1605
Description  Single and Triple, 1.5GHz Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1605 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC1605 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC1605 Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
13
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = Rg =330Ω, RL = 150Ω to GND, G = 2; unless otherwise noted.
Off Isolation vs. Frequency
Off Isolation vs. Frequency at VS=5V
Crosstalk vs. Frequency (CLC3605)
Crosstalk vs. Frequency at VS=5V (CLC3605)
Differential Gain & Phase AC Coupled Output at VS = ±2.5V
Differential Gain & Phase DC Coupled at VS = ±2.5V
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
-0.35
-0.25
-0.15
-0.05
0.05
0.15
0.25
0.35
Input Voltage (V)
DG
RL = 150Ω
AC coupled
DP
-0.07
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
-0.35
-0.25
-0.15
-0.05
0.05
0.15
0.25
0.35
Input Voltage (V)
DG
RL = 150Ω
DC coupled
DP
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
0.1
1
10
100
Frequency (MHz)
VOUT = 2Vpp
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
0.1
1
10
100
Frequency (MHz)
VOUT = 1Vpp
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
0.1
1
10
100
Frequency (MHz)
VOUT = 2Vpp
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
0.1
1
10
100
Frequency (MHz)
VOUT = 1Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com