Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2059ISO8X Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # CLC2059ISO8X
Description  Dual, Low Noise, 4V to 36V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2059ISO8X Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button CLC2059ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2059ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2059ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2059ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2059ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2059ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2059ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2059ISO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2059ISO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
9
Application Information
Basic Operation
Figures 1 and 2 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL
Figure 1. Typical Non-Inverting Gain Circuit
Figure 2. Typical Inverting Gain Circuit
+
-
0.1μF
6.8μF
Output
G = 1
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Figure 3. Unity Gain Circuit
Power Dissipation
Power dissipation should not be a factor when operating
under the stated 2k ohm load condition. However, ap-
plications with low impedance, DC coupled loads should
be analyzed to ensure that maximum allowed junction
temperature is not exceeded. Guidelines listed below can
be used to verify that the particular application will not
cause the device to operate beyond it’s intended operat-
ing range.
Maximum power levels are set by the absolute maximum
junction rating of 150°C. To calculate the junction tem-
perature, the package thermal resistance value ThetaJA
(ӨJA) is used along with the total die power dissipation.
TJunction = TAmbient + (ӨJA × PD)
Where TAmbient is the temperature of the working environment.
In order to determine PD, the power dissipated in the load
needs to be subtracted from the total power delivered by
the supplies.
PD = Psupply - Pload
Supply power is calculated by the standard power equa-
tion.
Psupply = Vsupply × IRMS supply
Vsupply = VS+ - VS-
Power delivered to a purely resistive load is:
Pload = ((VLOAD)RMS2)/Rloadeff
The effective load resistor (Rloadeff) will need to include
the effect of the feedback network. For instance,
Rloadeff in figure 3 would be calculated as:
RL || (Rf + Rg)
These measurements are basic and are relatively easy to
perform with standard lab equipment. For design purpos-
es however, prior knowledge of actual signal levels and
load impedance is needed to determine the dissipated
power. Here, PD can be found from
PD = PQuiescent + PDynamic - PLoad
Quiescent power can be derived from the specified IS val-
ues along with known supply voltage, VSupply. Load power
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com