Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC4550 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CLC4550
Description  Low Power, Low Offset, 2V to 36V Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC4550 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CLC4550 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC4550 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC4550 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC4550 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC4550 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC4550 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC4550 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC4550 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC4550 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
5
Typical Performance Characteristics
TA = 25°C, Vs = +5V, -Vs = GND unless otherwise noted.
Output Sink Current vs. Saturation Voltage (CLC2550)
Output Sink Current vs. Saturation Voltage (CLC4550)
Supply Voltage vs. Input Bias Current (CLC2550)
Supply Voltage vs. Input Bias Current (CLC4550)
Supply Current vs. Supply Voltage (CLC2550)
Supply Current vs. Supply Voltage (CLC4550)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
4
8
12
16
20
24
28
32
Supply Voltage (V)
-40°C
25°C
85°C
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0
4
8
12
16
20
24
28
32
36
Supply Voltage (V)
-40°C
25°C
85°C
20
30
40
50
60
70
80
0
4
8
12
16
20
24
28
32
Supply Voltage (V)
-40°C
25°C
85°C
0
10
20
30
40
50
60
70
0
4
8
12
16
20
24
28
32
36
Supply Voltage (V)
-40°C
25°C
85°C
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Sink Current (mA)
-40°C
25°C
85°C
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Sink Current (mA)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com