Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2550ISO8X Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CLC2550ISO8X
Description  Low Power, Low Offset, 2V to 36V Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2550ISO8X Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CLC2550ISO8X Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2550ISO8X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2550ISO8X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2550ISO8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2550ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2550ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2550ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2550ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2550ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
4
Electrical Characteristics
TA = 25°C (if bold, TA = -40 to +85°C), Vs = +5V, -Vs = GND unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Performance
VIO
Input Offset Voltage
VOUT = 1.4V, RS = 0Ω, VS = 5V to 30V
2
5
mV
7
mV
Ib
Input Bias Current
VCM = 0V
25
250
nA
400
nA
IOS
Input Offset Current
VCM = 0V
5
50
nA
200
nA
CMIR
Common Mode Input Range (3)
+VS = 30V
0
+VS
- 1.5
V
VG
Voltage Gain
+VS = 15V, RL = ≥15kΩ, VOUT = 1V to 11V
50
200
V/mV
IS
Supply Current, CLC2550
RL = ∞, +VS = 30V
0.7
1.7
mA
3.0
mA
RL = ∞, +VS = 5V
0.6
1.0
mA
2.0
mA
Supply Current, CLC4550
RL = ∞, +VS = 30V
1.2
2.5
mA
3.0
mA
RL = ∞, +VS = 5V
0.9
2.0
mA
3.0
mA
Time Domain Response
tRLS
Large Signal Response Time
VIN = TTL logic swing, VREF = 1.4V, VRL = 5V,
RL = 5.1kΩ
200
ns
tR
Response Time
VRL = 5V, RL = 5.1kΩ, 5mV overdrive
1.3
μs
VRL = 5V, RL = 5.1kΩ, 10mV overdrive
0.9
μs
VRL = 5V, RL = 5.1kΩ, 15mV overdrive
0.8
μs
Output Characteristics
ISINK
Output Sink Current
VIN+ = 0V, VIN- = 1V, VOUT = 1.5V
6.0
16
mA
ILEAK
Output Leakage Current
VIN+ = 1V, VIN- = 0V, VOUT = 5V
0.1
nA
VIN+ = 1V, VIN- = 0V, VOUT = 30V
1
μA
VSAT
Saturation Voltage
VIN+ = 0V, VIN- = 1V, ISINK ≤ 4mA
200
400
mV
500
mV
Notes:
1. 100% tested at 25°C
2. Limits over the full temperature range are guaranteed by design.
3. The input common mode voltage of either input signal voltage should be kept > 0.3V at 25°C. The upper end of the common-mode voltage range is +VS - 1.5V at
25°C, but either or both inputs can go to +18V without damages, independent of the magnitude of VS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com