Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2601 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # CLC2601
Description  Dual, Triple, and Quad 550MHz Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2601 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button CLC2601 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
8
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = 510Ω, RL = 100Ω, G = 2; unless otherwise noted.
Differential Gain & Phase AC Coupled Output
Differential Gain & Phase DC Coupled Output
Crosstalk vs. Frequency
Closed Loop Output Impedance vs. Frequency
Small Signal Pulse Response
Large Signal Pulse Response
-0.125
-0.100
-0.075
-0.050
-0.025
0.000
0.025
0.050
0.075
0.100
0.125
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
0.1
1
10
100
Frequency (MHz)
VOUT = 2Vpp
10k
Frequency (Hz)
10
1
0.1
100k
1M
10M
100M
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
Input Voltage (V)
DG
RL = 150Ω
AC coupled into 220µF
DP
-0.07
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
Input Voltage (V)
DG
RL = 150Ω
DC coupled
DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com