Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC4601 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # CLC4601
Description  Dual, Triple, and Quad 550MHz Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC4601 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button CLC4601 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC4601 Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
9
General Information - Current Feedback
Technology
Advantages of CFB Technology
The CLCx601 Family of amplifiers utilize current feedback
(CFB) technology to achieve superior performance. The
primary advantage of CFB technology is higher slew rate
performance when compared to voltage feedback (VFB)
architecture. High slew rate contributes directly to better
large signal pulse response, full power bandwidth, and
distortion.
CFB also alleviates the traditional trade-off between
closed loop gain and usable bandwidth that is seen with
a VFB amplifier. With CFB, the bandwidth is primarily de-
termined by the value of the feedback resistor, Rf. By us-
ing optimum feedback resistor values, the bandwidth of a
CFB amplifier remains nearly constant with different gain
configurations.
When designing with CFB amplifiers always abide by these
basic rules:
• Use the recommended feedback resistor value
• Do not use reactive (capacitors, diodes, inductors, etc.)
elements in the direct feedback path
• Avoid stray or parasitic capacitance across feedback re-
sistors
• Follow general high-speed amplifier layout guidelines
• Ensure proper precautions have been made for driving
capacitive loads
Figure 1. Non-Inverting Gain Configuration with First
Order Transfer Function
V
OUT
V
IN
= −
R
f
R
g
+
1
Eq. 2
1 +
R
f
Z
o(jω)
VIN
VOUT
Zo*Ierr
Ierr
RL
Rf
x1
Rg
Figure 2. Inverting Gain Configuration with First Order
Transfer Function
CFB Technology - Theory of Operation
Figure 1 shows a simple representation of a current feed-
back amplifier that is configured in the traditional non-
inverting gain configuration.
Instead of having two high-impedance inputs similar to a
VFB amplifier, the inputs of a CFB amplifier are connected
across a unity gain buffer. This buffer has a high imped-
ance input and a low impedance output. It can source or
sink current (Ierr) as needed to force the non-inverting
input to track the value of Vin. The CFB architecture em-
ploys a high gain trans-impedance stage that senses Ierr
and drives the output to a value of (Zo(jω) * Ierr) volts.
With the application of negative feedback, the amplifier
will drive the output to a voltage in a manner which tries
to drive Ierr to zero. In practice, primarily due to limita-
tions on the value of Zo(jω), Ierr remains a small but
finite value.
A closer look at the closed loop transfer function (Eq.1)
shows the effect of the trans-impedance, Zo(jω) on the
gain of the circuit. At low frequencies where Zo(jω) is very
large with respect to Rf, the second term of the equation
approaches unity, allowing Rf and Rg to set the gain. At
higher frequencies, the value of Zo(jω) will roll off, and
the effect of the secondary term will begin to dominate.
The -3dB small signal parameter specifies the frequency
where the value Zo(jω) equals the value of Rf causing the
gain to drop by 0.707 of the value at DC.
For more information regarding current feedback ampli-
fiers, visit www.cadeka.com for detailed application notes,
such as AN-3:
The Ins and Outs of Current Feedback Am-
plifiers.
V
OUT
V
IN
= 1 +
R
f
R
g
+
1
Eq. 1
1 +
R
f
Z
o(jω)
VIN
VOUT
Zo*Ierr
Ierr
Rg
RL
Rf
x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com