Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR11AS Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WR11AS
Description  Environmentally Sealed Rockers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WR11AS Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  WR11AS Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WR11AS Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WR11AS Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WR11AS Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. WR11AS Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-07
Environmentally Sealed Rockers
Series WR
General Specifications
Electrical Capacity (Resistive Load)
Power Level:
15A @ 125/250V AC or 15A @ 30V DC
Other Ratings
Contact Resistance:
10 milliohms maximum for solder lug, screw & quick connect terminal models
30 milliohms maximum for wire lead terminal models
Insulation Resistance:
200 megohms minimum @ 500V DC
Dielectric Strength:
1,250V AC minimum between contacts for 1 minute minimum
3,750V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
30,000 operations minimum
Electrical Life:
15,000 operations minimum for circuit 11 and 12 models
10,000 operations minimum for circuit 13, 15, 18, 19 models
Angle of Throw:
24°
Materials & Finishes
Rocker:
Phenylene oxide
Outer Housing:
Polyamide (UL94V-0)
Inner Case:
Melamine (UL94V-0)
Cover for Wire Lead Models:
Glass fiber reinforced polyamide (UL94V-0)
Flange Gasket:
Nitrile butadiene rubber
Movable Contactor:
Copper with silver plating
Movable Contacts:
Silver alloy plus copper with silver plating
Stationary Contacts:
Silver alloy plus copper with silver plating
Terminals:
Copper with tin plating for solder lug & wire lead
Brass with silver plating for screw lug
Brass with tin plating for quick connect
Wire Lead Covers:
Heat resistant polyvinyl chloride (Leads are AWG 14)
Environmental Data
Operating Temp Range:
–25°C through +85°C (–13°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Front Panel Seal:
IP67 of IEC60529, dust tight & water protected during temporary immersion for all models
Behind Panel Seal:
IP60 of IEC60529, dust tight but not water protected for solder lug, screw & quick connect models
IP67 of IEC60529, dust tight & water protected during temporary immersion for wire lead models
Installation
Soldering Time & Temp:
Manual Soldering: See Profile A in Supplement section.
Cleaning:
Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 outer housing, inner case, & outer cover on wire lead models
UL Recognized:
Solder & screw lug models recognized at 15A @ 125/250V AC & 15A @ 30V DC;
UL File No. WOYR2.E44145. Add “/U” to end of part number to order UL mark on switch.
C-UL Recognized:
Solder & screw lug models recognized at 15A @ 125/250V AC & 15A @ 30V DC;
C-UL File No. WOYR8.E44145. Add “/C-UL” to end of part number to order C-UL mark on switch.
VDE Approved:
All models approved at 15A @ 250V AC (pending for quick connect); VDE License No. 126501.
Add “/V” to end of part number to order VDE mark on switch.
EN Conformity:
WR11 & WR12 models meet European Norm for 3mm contact gap to prevent contact welds;
EN No. 61058-1
Wiring Material Standards:
UL AWM 1015 Recognized at Flammability VW-1;
Temperature Range –20°C ~ +105°C; Maximum Load 600V; AWG 14.
CSA TEW 105 Certified at Temperature Range –20°C ~ +105°C; Maximum Load 600V
R
R
V
D E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com