Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2601ISO8X Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CLC2601ISO8X
Description  Dual, Triple, and Quad 550MHz Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2601ISO8X Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CLC2601ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2601ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2601ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2601ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2601ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2601ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2601ISO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2601ISO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC2601ISO8X Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
10
Application Information
Basic Operation
Figures 3, 4, and 5 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
Figure 3. Typical Non-Inverting Gain Circuit
Figure 4. Typical Inverting Gain Circuit
Figure 5. Typical Unity Gain (G=1) Circuit
CFB amplifiers can be used in unity gain configurations.
Do not use the traditional voltage follower circuit, where
the output is tied directly to the inverting input. With a
CFB amplifier, a feedback resistor of appropriate value
must be used to prevent unstable behavior. Refer to fig-
ure 5 and Table 1. Although this seems cumbersome, it
does allow a degree of freedom to adjust the passband
characteristics.
Feedback Resistor Selection
One of the key design considerations when using a CFB
amplifier is the selection of the feedback resistor, Rf. Rf is
used in conjunction with Rg to set the gain in the tradi-
tional non-inverting and inverting circuit configurations.
Refer to figures 3 and 4. As discussed in the Current Feed-
back Technology section, the value of the feedback resis-
tor has a pronounced effect on the frequency response of
the circuit.
Table 1, provides recommended Rf and associated Rg val-
ues for various gain settings. These values produce the
optimum frequency response, maximum bandwidth with
minimum peaking. Adjust these values to optimize perfor-
mance for a specific application. The typical performance
characteristics section includes plots that illustrate how
the bandwidth is directly affected by the value of Rf at
various gain settings.
Gain
(V/V
Rf (Ω)
Rg (Ω)
±0.1dB BW
(MHz)
-3dB BW
(MHz)
1
1120
-
165
520
2
510
510
120
335
5
200
50
40
230
Table 1: Recommended Rf vs. Gain
In general, lowering the value of Rf from the recom-
mended value will extend the bandwidth at the expense
of additional high frequency gain peaking. This will cause
increased overshoot and ringing in the pulse response
characteristics. Reducing Rf too much will eventually
cause oscillatory behavior.
Increasing the value of Rf will lower the bandwidth. Low-
ering the bandwidth creates a flatter frequency response
and improves 0.1dB bandwidth performance. This is im-
portant in applications such as video. Further increase in
Rf will cause premature gain rolloff and adversely affect
gain flatness.
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1
+
-
Rf
0.1μF
6.8μF
Output
G = 1
Rf is required for CFB amplifiers
Input
+Vs
-Vs
0.1μF
6.8μF
RL
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com