Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3801 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CLC3801
Description  Triple, Standard Definition Video Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3801 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CLC3801 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3801 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3801 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3801 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3801 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3801 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3801 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC3801 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC3801 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
7
Figure 3. Typical Output Configuration
Power Supply Decoupling
For optimum performance, power supply decoupling is re-
quired. Figure 4 shows the recommended usage of power
supply decoupling capacitors. The 0.1µF decoupling ca-
pacitor must be placed as close to pin 4 as possible, <
0.1” or < 2.5mm, to be effective. The larger, 1µF capaci-
tor can be placed further away.
Figure 4. Recommended Power Supply Decoupling
Power Dissipation
TBD
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
SOIC-8
Figure 5. Maximum Power Derating
Power Dissipation Considerations with DC-Coupled Loads
When driving DC loads, the supply current is much higher
than in AC applications and care must be taken to dis-
sipate the extra heat generated. The output signal will
swing from about 0.3V to 2.3V for full swing video. In
the worst case condition, an all white screen with dual DC
loads, the additional thermal rise over the quiescent con-
dition is about 20°C. An easy way to help distribute this
extra heat is to place a ground plane under the part and
add ground plane on the bottom of the board immediately
under the part with vias between the two planes.
The CLC3800 is designed primarily for low voltage opera-
tion with supply values between 3.0V and 5.5V, but larger
supplies can be used. In this situation, DC loads may not
be possible due to thermal considerations. With single DC
loads on all three channels and a 12V supply, the thermal
rise is an additional 45° this gives a total temperature rise
of about 57°.
220µF
220µF
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
OUT2
GND
75Ω
75Ω
75Ω
75Ω
220µF
75Ω
75Ω
Video Cables
AC-Coupling Caps
are Optional
8
7
6
5
1
2
3
4
75Ω
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
OUT2
GND
+3V or +5V
0.1µF
1.0µF
8
7
6
5
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com