Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC4601ISO14 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CLC4601ISO14
Description  Dual, Triple, and Quad 550MHz Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC4601ISO14 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CLC4601ISO14 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC4601ISO14 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC4601ISO14 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC4601ISO14 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC4601ISO14 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC4601ISO14 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC4601ISO14 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC4601ISO14 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC4601ISO14 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
6
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = 510Ω, RL = 100Ω, G = 2; unless otherwise noted.
Open Loop Transimpendance Gain/Phase vs. Frequency
Input Voltage Noise
Frequency Response vs. Rf at G=5
Gain Flatness
Frequency Response vs. Rf at G=1
Frequency Response vs. Rf at G=2
-4
-3
-2
-1
0
1
2
3
0.1
1
10
100
1000
Frequency (MHz)
Rf = 750Ω
G = 1
Rf = 1.kΩ
Rf = 1.24kΩ
Rf = 510Ω
-6
-5
-4
-3
-2
-1
0
1
2
0.1
1
10
100
1000
Frequency (MHz)
Rf = 1.24kΩ
G = 2
Rf = 1kΩ
Rf = 510Ω
Rf = 250Ω
-7
-6
-5
-4
-3
-2
-1
0
1
0.1
1
10
100
1000
Frequency (MHz)
Rf = 200Ω
G = 5
Rf = 100Ω
Rf = 510Ω
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.1
1
10
100
1000
Frequency (MHz)
VOUT = 0.2Vpp
10k
Frequency (Hz)
1M
100k
10k
1k
100
10
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
-200
100k
1M
10M
1G
100M
Phase
Gain
0.001
0.001
0.01
0.1
1
10
Frequency (MHz)
100
90
80
70
60
50
40
30
20
10
0
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com