Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W780LS Datasheet(PDF) 1 Page - Lumins Inc.

Part # W780LS
Description  Ceiling mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W780LS Datasheet(HTML) 1 Page - Lumins Inc.

  W780LS Datasheet HTML 1Page - Lumins Inc. W780LS Datasheet HTML 2Page - Lumins Inc. W780LS Datasheet HTML 3Page - Lumins Inc. W780LS Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
90
60
30
Photometry
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
ECLIPSE
Ceiling mount
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated porcelain socket or 75W/600V thermoplastic compact
fluorescent socket.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
1- 1/2” dia, suspension stem with canopy and 15º hang straight
swivel. Stem may be cut to size on field.
2- cast aluminum ballast housing.
3- Field adjustable 30” dia. aluminum shade with
white enamel underside coating for optimal lighting performance.
4- 1/2” dia. solid aluminum struts.
5- White translucent acrylic U.V. protected high
impact cylindrical diffuser..
6- Cast aluminum removable bottom cover.
7- All stainless steel hardware.
Specification
W780 . W780C . W780LS
4
1
3
2
5
6
30”
27”
12 1/2”
36”
W780LS
W780
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
UL. Wet Location.
Certification
Light source selection
Model#
Voltage
Finish
Options
W780
W780LS
Mounting.
Luminaires may be altered for design improvements or discontinued without prior notice.
For options details and
specifications, please refer
to pages 41.42.43
Max. weight: 32 lbs.Installation: Mounts over a standard 4” octagonal box with
3 1/2” c/c mounting holes.
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
QL
L U M I
I
N S
Accessories
STM60: 60” lg.suspension stem.
STM80: 80” lg.suspension stem.
STM:
Cut to size stem.
STC:
Safety cable
SW45:
45º hang straight swivel
Available with W780LS
EC6:
Double dropped
shade.
Electrical
DL4:
Down light /120V only
EM42:
1 lamp (26/32/42W)
Integral Emergency
battery back up.
Page
37
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
208 V
240 V
277 V
347 V
347 V (To specify)
Smart ballast 120/277
H.I.D.
COMP. FLUO.
INDUCTION QL
120V
MH (ED17)
CF (Gx24q)
M70
M100
M150
M175
HPS (ED17)
H70
H100
H150
Single lamp
F232
F242
F257
F270
Two lamps
Q55
Q85
QL lamp.
(Including:
generator,
power coupler
& discharge
vessel) 120V
F157
F170
F185
F120
W780LS-C
W780-C
(Lamps by others. Except for QL lamps)
Refer to max.
wattage as
indicated.
W780-C
W780LS-C
Indicates
max.
available
wattage


Similar Part No. - W780LS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W782R0J BOURNS-W782R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
logo
Lumins Inc.
W786 LUMINIS-W786 Datasheet
866Kb / 3P
LED light engine.
W788 LUMINIS-W788 Datasheet
190Kb / 4P
Bollard mount
logo
List of Unclassifed Man...
W7880-10PG-300W ETC2-W7880-10PG-300W Datasheet
4Mb / 2P
Available with 9 or 10 #22 contacts
W7880-10PG-3ESW ETC2-W7880-10PG-3ESW Datasheet
4Mb / 2P
Available with 9 or 10 #22 contacts
More results

Similar Description - W780LS

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
Ceiling mount
W1286 LUMINIS-W1286 Datasheet
148Kb / 3P
Ceiling mount
TG1900 LUMINIS-TG1900 Datasheet
195Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com