Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT110C Datasheet(PDF) 2 Page - Lumins Inc.

Part # NT110C
Description  Ceiling surface mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

NT110C Datasheet(HTML) 2 Page - Lumins Inc.

  NT110C Datasheet HTML 1Page - Lumins Inc. NT110C Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
NAUTILUX
Toll free: 888 .401 .6999
3 Amps. in line protection fuse,
factory installed with the pole
or inside fixture when pole is
not required.
In line fuse
Option: FS
PH1 -120V
PH2 - 208/277V
Light photo sensor
Photo electric sensor,
factory installed with the pole
or inside fixture when pole is
not required.
Option:
General notes:
Please specify selected option as a suffix to the specified model number. ex:NT100-M100-WHT-PC1
Each model is provided with a listing of compatible options.Some options may not be compatible
when used in the same luminaire. This information is indicated when it is applicable.
Luminaires may be altered for design improvements or discontinued without prior notice.
Polycarbonate
lens diffuser
Max: 50W
Option: PC1
1 1/2" deep luminaire matching
connection box for surface conduit
feed. (2) 7/8" dia. K.O. @ 180 deg.
Surface connection box
Option: SWK
High impact acrylic lens diffuser.
Max: 50W
Square lens Diffuser.
Option: PC6
White translucent round
diffuser.
Option: PC2
High impact acrylic lens diffuser.
Max: 50W
Ceiling surface mount conversion kit.
Maximum wattage 2x32w compact
fluorescent. (factory installed.)
Ceiling surface mounting
Option: C
Quartz restrike
standby lamp kit
max.100w DC
bayonet type
Quartz lamp restrike
Option: QRS
Emergency line quartz lamp
Option: QS
Quartz lamp socket for
separate emergency
line. Max.100w DC
bayonet type
Polycarbonate
lens diffuser
Max: 50W
White translucent oblong
diffuser.
Option: PCO
L U M I
I
N S
OPTIONAL ACCESSORIES
Page
72
Sept. 2006 Rev. Feb.2008
Satin anodized
corrugated
reflector
surface.
Alternate regressed
reflector.
Option: R2
Emergency battery back-up
EM42 / EM42S
One lamp:
26w: 450 Lmns..
32w: 575 Lmns.
42w: 750 Lmns.
Time: 90 Mnts -120/277V / T 0º C
For 57w & 70w:
(Remote installation only) Consult factory
HOT
Single pole test switch (Breaking the connection)
BLK
WHT
WHT
COM
EM
ballast
Note:
EM42 option is supplied
with integral test switch and
pilot light.
EM42S is supplied with
additional wiring for
external remotely installed
test switch and pilot light.
Please refer to luminaire
specification sheet option
listing.
AC ballast
Black/120V (Factory wired)
Orange/277V
(Cap unused lead.)
EM42S wiring
EM42 wiring
EM Ballast wiring
diagram for 120V
factory connection.
White translucent round
diffuser.
Accessories
PC1:
Polycarbonate lens
diffuser. (Max.50W)
SWK:
Surface mount
connection box.
Electrical
EM42S: 1 lamp (26/32/42W)
FS:
Fuse
PH1:
120V photo cell
PH2:
208/277V photo cell
QS:
Standby lamp socket.
QRS:
H.I.D. lamp restrike



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com