Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT110R Datasheet(PDF) 1 Page - Lumins Inc.

Part # NT110R
Description  Wall recessed mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

NT110R Datasheet(HTML) 1 Page - Lumins Inc.

  NT110R Datasheet HTML 1Page - Lumins Inc. NT110R Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4”
4 1/2”
Depth :
3 1/2”
Less cage
90
60
Photometry
NT100R
NT110R
NT125R
NT105R
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
Specification
NAUTILUX
Wall recessed mount
NT100R . NT105R . NT110R . NT125R
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated medium base porcelain socket.
- 75W/600V thermoplastic compact fluorescent socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- Closed cast aluminum housing.
2- Semi-specular aluminum reflector, with horizontal lamp position
to provide uniform light on the diffuser.
(Side lamp mount for H100 source.)
3- Borosilicate frosted glass diffuser with internal concentric
reinforcement prismatic pattern.
4- Selection of various glass ring and glass shields.
NT100R: One piece cast aluminum cross cage.
NT105R: One piece cast aluminum eyelid.
NT110R: Full glass lens with cast aluminum retainer ring.
NT125R: One piece heavy cast aluminum star cage.
6- Wall recessed non corrosive housing with integral
connection box and 18” adjustable mounting bars.
NOTE: Recessed housing with insulated walls not to exceed 50W.
1
2
3
4
Cross view
Plane view
5
30
UL. Wet Location.
Certification
Mounting
(Lamps by others)
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
208 V
240 V
277 V
347 V
347 V (To specify)
Smart ballast 120/277
MH (ED17)
M50
M70
H50
H70
Model#
Voltage
Finish
Options
NT100R
NT105R
NT110R
NT125R
H.I.D.
COMP. FLUO.
CF (Gx24q)
Single lamp
F118
F126
F132
F142
Luminaires may be altered for design improvements or discontinued without prior notice.
Max. Max. weight: 17 lbs. Installation:
Requires recessed housing RWK3 from Luminis.
HPS (ED17)
CF (Gx24q)
Two lamps
F218
F226
F232
INC. (A19)
A100
Max.50W for
insulated walls.
Opening 9 3/4”
O.A. dia. with flange
10 1/2” dia.
RWK3 Recessed
wall housing.
luminaire
mounting
screws.
NT110R is A.D.A. Compliant.
For options details and specifications,
please refer to page 72
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
L U M I
I
N S
Note: EM optional battery
test switch and pilot lamp are
remotely installed.
Accessories
PC1:
Polycarbonate lens
diffuser. (Max.50W)
Electrical
EM42S: 1 lamp (26/32/42W)
FS:
Fuse
QS:
Standby lamp socket.
QRS:
H.I.D. lamp restrike
Page
56
Note: 50W.HPS
is available with
120/277V only.


Similar Part No. - NT110R

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
NT110C LUMINIS-NT110C Datasheet
110Kb / 2P
Ceiling surface mount
More results

Similar Description - NT110R

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
Wall mount
LX140 LUMINIS-LX140 Datasheet
96Kb / 2P
Semi-recessed wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
Wall mount
logo
Dialight Corporation
A70-000629 DIALIGHT-A70-000629 Datasheet
87Kb / 1P
RECESSED CEILING MOUNT -- WPA SUPPORT FRAME
logo
Lumins Inc.
NT625R LUMINIS-NT625R Datasheet
820Kb / 2P
Wall recessed non corrosive housing
NT640R LUMINIS-NT640R Datasheet
594Kb / 2P
Wall recessed non corrosive housing
NT854R LUMINIS-NT854R Datasheet
376Kb / 2P
Glavanized steel wall recessed housing
NT872R LUMINIS-NT872R Datasheet
376Kb / 2P
Glavanized steel wall recessed housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com