Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1621 Datasheet(PDF) 1 Page - Lumins Inc.

Part # PR1621
Description  Ceiling mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR1621 Datasheet(HTML) 1 Page - Lumins Inc.

  PR1621 Datasheet HTML 1Page - Lumins Inc. PR1621 Datasheet HTML 2Page - Lumins Inc. PR1621 Datasheet HTML 3Page - Lumins Inc. PR1621 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
90
60
30
Separate updated technical specification
sheets with related models and light
sources with I.E.S formatted photometry are
available on www.luminis.com.
Photometry
Specification
Ceiling mount
Ceiling pendant with clear acrylic prismatic diffuser or semi specular
anodized aluminum reflector. An array of optional attachments and
accessories are available to customize, and adapt each luminaire to
particular design scheme and lighting concept.
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process.
- Pulse rated porcelain socket or 75W/600V thermoplastic compact
fluorescent socket.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
1- 5/8” Dia.(16) X36” lg. (900) suspension stem.
Precut factory stems are available on request
(Specify option STM with desired length).
(Options STM60 & STM80 for longer stems.)
2- Cast aluminum removable cover for quick maintenance.
Heavy duty hang straight swivel.
3- Extruded aluminum ballast housing module with
a fine linear stria pattern.
4- 1 1/2” Dia.(38) aluminum tube extension.
5- PR1620: Clear acrylic prismatic diffuser.
PR1621: Semi specular anodized aluminum reflector.
Alternate reflector finish (Options RP6)
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com.
Toll free: 888 .401 .6999
3
1
2
Max. weight: 16 lbs.(7.2).
Installation: Mounts over a standard 4”(100)
octagonal box with 3 1/2” (89) c/c mounting holes.
UL. Indoor use.
(CE certification on request)
Certification
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog
number.
120 V
277 V
347 V
347 V (To specify)
MH (ED17)
CF (Gx24q)
M70
M100
M150
M175
*
Single lamp
F132
F142
F157
F170
F185
Model#
Voltage
Finish
PR1620
(Refer to color chart)
Mounting.
COMP. FLUO.
INC. (A21)
A150
Luminaires may be altered for design improvements or discontinued without prior notice.
H.I.D. (ED17)
16” (406)
Two lamps
PR1620 . PR1621
5
36”
(900)
11”
(280)
PR1621
PR1620
PR1620
PR1621
Options
F226
F232
F242
F257
F270
Semi specular aluminum
reflector. All other parts of
luminaire are painted as per
specified color.
PR1621
4
PRISMA SOLO 16
* 6”
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
Optional colors
CS: Custom color
RAL: RAL# color
(Open rated lamps only. Except for 175MH)
Smart ballast
120/277
L U M I
I
N S
2G8-1 Base
Page
9
(Lamps: By others)
Refer to pages 16 .17 . 18
for details on listed options.
Mounting
STC:
Safety cable.
STM60: 60”lg. (1525) Stem.
SW45:
36” lg. stem with 45º
hang straight swivel.
**TCB:
Black spiral power cord.
**TCW:
White spiral power cord.
**SPB:
3/18 black straight power
cord with aircraft cable.
**SPW:
3/18 white straight power
cord with aircraft cable.
Accessories
W16:
Frosted prismatic diffuser.
L16:
Clear flat bottom lens.
LC16:
Cross blades louver.
BA16:
Satin anodized band.
BC16:
Colored alum. band same as
luminaire.
RP6 :
Inside reflector semi-
specular. Outside reflector
same as luminaire
Electrical
DS1:
Dual switch 1 lamp.
**Available with H.I.D. lamps only
Sept. 2006
Rev.Feb.2007
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
* C.F.L. with EM42 option
Height 8” (200)
* M175 Includes L16 full
clear lens enclosure for
enclosed rated lamps.


Similar Part No. - PR1621

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PR1624 LUMINIS-PR1624 Datasheet
202Kb / 4P
Ceiling mount
More results

Similar Description - PR1621

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
Ceiling mount
W1286 LUMINIS-W1286 Datasheet
148Kb / 3P
Ceiling mount
TG1900 LUMINIS-TG1900 Datasheet
195Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com