Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2221 Datasheet(PDF) 1 Page - Lumins Inc.

Part # PR2221
Description  Ceiling mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR2221 Datasheet(HTML) 1 Page - Lumins Inc.

  PR2221 Datasheet HTML 1Page - Lumins Inc. PR2221 Datasheet HTML 2Page - Lumins Inc. PR2221 Datasheet HTML 3Page - Lumins Inc. PR2221 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
90
60
30
Ceiling pendant with a clear acrylic prismatic diffuser or semi specular
anodized aluminum reflector. An array of optional attachments and
accessories are available to customize, and adapt each luminaire to
particular design scheme and lighting concept.
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process.
- Pulse rated porcelain socket or 75W/600V thermoplastic compact
fluorescent socket.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
1- Heavy duty hang straight swivel, with 4 1/2” dia. (115)
canopy and universal mounting plate.
2- 5/8” Dia.(16) X36” lg. (900) suspension stem.
Precut factory stems are available on request
(Specify option STM with desired length).
(Options STM60 & STM80 for longer stems.)
3- Aluminum removable top disc cover for quick maintenance.
4- Extruded aluminum ballast housing module with
a fine linear stria pattern.
5- Set of four 3/8” dia. (95) struts.
6- Aluminum lens support ring
7- PR2220: Clear acrylic prismatic diffuser.
PR2221: Semi specular anodized aluminum reflector.
Alternate reflector finish (Options RP8)
Separate updated
technical specification
sheets with related
models and light sources
with I.E.S formatted
photometry are available
on www.luminis.com.
Specification
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com.
Toll free: 888 .401 .6999
4
2
3
Max. weight: 17 lbs.(7.6).
Installation: Mounts over a standard 4”(100)
octagonal box with 3 1/2” (89) c/c mounting holes.
UL. Indoor use.
(CE certification on request)
Certification
Light source selection
120 V Standard factory
prewired
(If no voltage is
specified)
For other voltages,
please specify with
catalog number.
120 V
277 V
347 V
347 V (To specify)
Model#
Voltage
Finish
(Refer to color chart)
Mounting.
COMP. FLUO.
Luminaires may be altered for design improvements or discontinued without prior notice.
H.I.D. (ED17)
PR2220 . PR2221
7
PR2220
PR2221
Semi specular aluminum
reflector. All other parts of
luminaire are painted as
per specified color.
PR2221
PRISMA NOVA 22
Ceiling mount
5
6
36”
(900)
24” (610)
23”
(584)
1
CF (Gx24q)
Single lamp
F157
F170
F185
F1120
Two lamps
F232
F242
F257
F270
F285
F2120
Four lamps
F432
F442
F457
F470
F485
PR2220
PR2221
PR2220
Pulse start ballast:
Refer to page OP1
F632
F642
F657
F842
6 to 8 lamps
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
Optional colors
CS: Custom color
RAL: RAL# color
(Open rated lamps only. Except for 175MH)
Smart ballast
120/277
L U M I
I
N S
2G8-1 Base
Page
12
M150
M175
*
M250
M400
MH (ED17)
ED28 (Mog. Base)
ED37 (Mog. Base)
Mounting
STC:
Safety cable.
STM60: 60”lg. (1525) Stem.
STM80: 80”lg. (2030) Stem.
STM:
Cut to size stem.
SW45:
36” lg. stem with 45º
hang straight swivel.
TA:
3/4” NPT stem adaptor.
TCB:
Black spiral power cord.
TCW:
White spiral power cord.
SPB:
3/18 black straight power
cord with aircraft cable.
SPW:
3/18 white straight power
cord with aircraft cable.
Accessories
W22:
Frosted prismatic diffuser.
D22T:
Clear prismatic conical lens.
D22TM: For 175w/MH.
L21:
Clear flat bottom lens.
LB22:
Cross blades louver.
LB22M: For 175w/MH.
BA22:
Satin anodized band.
BC22:
Colored alum. band same as
luminaire.
RP8:
Inside reflector semi-
specular. Outside reflector
same as luminaire
Electrical
DM1:
1x26w / 1x32w / 1x42w
120V Dimming ballast.
DM2:
2x26W 120V Dimming
ballast.
DM3:
2x32w / 2x42w
1X57 / 1X70W
120V Dimming ballast.
DM4:
2x57W/70W 120V Dimming
ballast.
DM5:
4x57/ 70w 120V Dimming
ballast.
DS1:
Dual switch 1 lamp.
DS2:
Dual switch 2 lamps.
EM42:
1 lamp (26/32/42W)
Integral Emergency
battery back up.
EM242:
2 lamp (26/32W) EM battery.
QRS:
Quartz restrike standby relay.
QS:
Quartz lamp socket
for external emergency power.
Photometry
(Lamps: By others)
Refer to pages 16 .17
18 for details on listed
options.
Sept. 2006
Rev.Jan.2008
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
* M175 Includes L21 full
clear lens enclosure for
enclosed rated lamps.
Options


Similar Part No. - PR2221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR2222S ETC2-PR2222S Datasheet
201Kb / 1P
SINGLE COLOR LED
logo
Lumins Inc.
PR2226 LUMINIS-PR2226 Datasheet
194Kb / 4P
Ceiling mount
PR2227 LUMINIS-PR2227 Datasheet
194Kb / 4P
Ceiling mount
PR2228 LUMINIS-PR2228 Datasheet
384Kb / 3P
LED heat sink specifically designed to optimize heat dissipation
More results

Similar Description - PR2221

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
Ceiling mount
W1286 LUMINIS-W1286 Datasheet
148Kb / 3P
Ceiling mount
TG1900 LUMINIS-TG1900 Datasheet
195Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com