Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2227 Datasheet(PDF) 1 Page - Lumins Inc.

Part # PR2227
Description  Ceiling mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR2227 Datasheet(HTML) 1 Page - Lumins Inc.

  PR2227 Datasheet HTML 1Page - Lumins Inc. PR2227 Datasheet HTML 2Page - Lumins Inc. PR2227 Datasheet HTML 3Page - Lumins Inc. PR2227 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
90
60
30
Separate updated
technical specification
sheets with related
models and light sources
with I.E.S formatted
photometry are available
on www.luminis.com.
Specification
Ceiling pendant with clear acrylic prismatic diffuser or semi specular
anodized aluminum reflector. An array of optional attachments and
accessories are available to customize, and adapt each luminaire to
particular design scheme and lighting concept.
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process.
- Pulse rated porcelain socket or 75W/600V thermoplastic compact
fluorescent socket.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
1- Heavy duty 15 deg. hang straight swivel, with 4 1/2” dia. (115)
canopy and universal mounting plate.
5/8” Dia.(16) X36” lg. (900) suspension
stem. Length can be shortened on site. Precut factory longer stems
are available on request.(Options STM60 & STM80)
2- Aluminum removable top disc cover for quick maintenance.
3- Extruded aluminum ballast housing module with
a fine linear stria pattern.
4- PR2226: Clear acrylic prismatic diffuser.
PR2227: Semi specular anodized aluminum reflector.
Alternate reflector finish (Options RP8)
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com.
Toll free: 888 .401 .6999
3
1
2
Max. weight: 16 lbs.(7.2).Installation:
Mounts over a standard 4”(100)
octagonal box with 3 1/2” (89) c/c mounting holes.
UL. Indoor use.
(CE certification on request)
Certification
120 V Standard
factory
prewired
(If no voltage is
specified)
For other voltages,
please specify with
catalog number.
120 V
277 V
347 V
347 V (To specify)
Model#
Voltage
Finish
PR2226
(Refer to color chart)
Mounting.
COMP. FLUO.
Luminaires may be altered for design improvements or discontinued without prior notice.
H.I.D. (ED17)
22” (558)
PR2226 . PR2227
4
23”
(584)
PR2227
PR2226
PR2227
Semi specular aluminum
reflector. All other parts of
luminaire are painted as per
specified color.
PR2227
Ceiling mount
36”
(900)
PRISMA 22
Light source selection
CF (Gx24q)
Single lamp
F157
F170
F185
F1120
Two lamps
F232
F242
F257
F270
F285
F2120
Four lamps
F432
F442
F457
F470
F485
6 to 8 lamps
PR2226
F632
F642
F657
F842
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
Optional colors
CS: Custom color
RAL: RAL# color
(Open
rated
lamps only.
Except for
175MH)
Smart ballast
120/277
M150
M175
*
M250
M400
MH (ED17)
ED28 (Mog. Base)
ED37 (Mog. Base)
L U M I
I
N S
2G8-1 Base
Page
13
Mounting
STC:
Safety cable.
STM60: 60”lg. (1525) Stem.
STM80: 80”lg. (2030) Stem.
STM:
Cut to size stem.
SW45:
36” lg. stem with 45º
hang straight swivel.
TA:
3/4” NPT stem adaptor.
TCB:
Black spiral power cord.
TCW:
White spiral power cord.
SPB:
3/18 black straight power
cord with aircraft cable.
SPW:
3/18 white straight power
cord with aircraft cable.
Accessories
W22:
Frosted prismatic diffuser.
D22:
Clear prismatic conical lens.
L22:
Clear flat bottom lens.
LB22:
Cross blades louver.
BA22:
Satin anodized band.
BC22:
Colored alum. band same as
luminaire.
GL16:
Zinc plated concentric rings
guard.
RP8:
Inside reflector semi-
specular. Outside reflector
same as luminaire
Electrical
DM1:
1x26w / 1x32w / 1x42w
120V Dimming ballast.
DM2:
2x26W 120V Dimming
ballast.
DM3:
2x32w / 2x42w
1X57 / 1X70W
120V Dimming ballast.
DM4:
2x57W/70W 120V Dimming
ballast.
DM5:
4x57/ 70w 120V Dimming
ballast.
DS1:
Dual switch 1 lamp.
DS2:
Dual switch 2 lamps.
EM42:
1 lamp (26/32/42W)
Integral Emergency
battery back up.
EM242:
2 lamp (26/32W) EM battery.
QRS:
Quartz restrike standby relay.
QS:
Quartz lamp socket
for external emergency power.
Photometry
Options
(Lamps: By others)
Refer to pages 16 .17 . 18
for details on listed options.
Sept. 2006
Rev.Feb.2007
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
* M175 Includes L22 full
clear lens enclosure for
enclosed rated lamps.


Similar Part No. - PR2227

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PR2220 LUMINIS-PR2220 Datasheet
192Kb / 4P
Ceiling mount
PR2221 LUMINIS-PR2221 Datasheet
192Kb / 4P
Ceiling mount
logo
List of Unclassifed Man...
PR2222S ETC2-PR2222S Datasheet
201Kb / 1P
SINGLE COLOR LED
logo
Lumins Inc.
PR2228 LUMINIS-PR2228 Datasheet
384Kb / 3P
LED heat sink specifically designed to optimize heat dissipation
More results

Similar Description - PR2227

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
Ceiling mount
W1286 LUMINIS-W1286 Datasheet
148Kb / 3P
Ceiling mount
TG1900 LUMINIS-TG1900 Datasheet
195Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com