Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH200AI Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # KH200AI
Description  Fast Settling, Wideband Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH200AI Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  KH200AI Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH200AI Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH200AI Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH200AI Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH200AI Datasheet HTML 5Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
I -3dB bandwidth of 95MHz
I 0.1% settling in 18ns
I 4000V/µs slew rate
I Low distortion, linear phase
I 3.6ns rise and fall times
I Direct replacement for CLC200
Applications
I Fast, precision A to D, D to A conversion
I Baseband and video communications
I Radar, sonar, IF processors
I Laser drivers, photodiode preamps
I High-density buffering
I Graphic CRT composite video drive amp
General Description
The KH200 operational amplifier achieves performance
far superior to that of other high performance op
amps. A current feedback design provides a band-
width of DC-95MHz and an unprecedented settling
time of 18nsec to 0.1%. And since thermal tail has
been eliminated, the KH200 can be depended upon
to settle fast and solidly maintain its level. Drive
capability is also impressive at 24Vpp and 100mA.
Using the KH200 is as easy as adding power supplies
and a gain-setting resistor. The result is reliable,
consistent performance because such characteristics as
bandwidth and settling time are virtually independent
of gain setting. Unlike conventional op amp designs
where the optimum gain bandwidth product occurs at
a high gain, minimum settling time at a gain of -1,
maximum slew rate at a gain of +1, et cetera,
the KH200 offers predictable response at gain
settings from ±1 to ±50. This, coupled with consistent
performance from unit to unit with no external com-
pensation, makes the KH200 a real time and cost-
saver in design and production situations alike.
Minimizing settling time was a design goal of the
KH200. Settling time is one of the most demanding of
all op amp requirements since it is affected by the
op amp’s bandwidth, gain flatness, and harmonic
distortion. The result of this effort is an amplifier fast
enough for the most demanding high speed D to A
converters and “flash” A to D converters.
The superior slew rate and rise and fall times of the
KH200 make it an ideal amplifier for a broad range of
pulse, analog, and digital applications. Flat gain and
phase response from DC to beyond 50MHz ensure
distortion levels well below those of other op amps. A
full power bandwidth of 20MHz eliminates the need
for power buffers in many applications.
The KH200 is constructed using thin film resistor/bipolar
transistor technology, and is available in the following
versions:
KH200AI
-25°C to +85°C
12-pin TO-8 can
KH200AK
-55°C to +125°C
12-pin TO-8 can,
features burn-in and
hermetic testing
KH200AM
-55°C to +125°C
12-pin TO-8 can,
environmentally screened
and electronically tested
to MIL-STD-883
KH200HXC
-55°C to +125°C
SMD#: 5962-8991001XC
KH200HXA
-55°C to +125°C
SMD#: 5962-8991001XA
KH200
Fast Settling, Wideband Operational Amplifier
REV. 1A January 2004
Typical Performance
www.cadeka.com


Similar Part No. - KH200AI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
Fast Settling, Wideband Operational Amplifier
More results

Similar Description - KH200AI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
Fast Settling, Wideband Operational Amplifiers
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
Fast Settling, Wideband Operational Amplifier
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841 Datasheet
272Kb / 13P
Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
AD3554 MAXIM-AD3554 Datasheet
669Kb / 6P
WIDEBAND FST-SETTLING OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
Fast-Settling Wideband OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2195 ELANTEC-EL2195 Datasheet
510Kb / 9P
Wideband Fast Settling Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com