Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH205AI Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # KH205AI
Description  Overdrive-Protected Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH205AI Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  KH205AI Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH205AI Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH205AI Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH205AI Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH205AI Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH205AI Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH205AI Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DATA SHEET
KH205
4
REV. 1A January 2004
Current Feedback Amplifiers
Some of the key features of current feedback technology
are:
s Independence of AC bandwidth and voltage gain
s Adjustable frequency response with feedback resistor
s High slew rate
s Fast settling
Current feedback operation can be described using a simple
equation. The voltage gain for a non-inverting or inverting
current feedback amplifier is approximated by Equation 1.
Equation 1
where:
s A
v is the closed loop DC voltage gain
s R
f is the feedback resistor
s Z(jω) is the CLC205’s open loop transimpedance
gain
s
is the loop gain
The denominator of Equation 1 is approximately equal to
1 at low frequencies. Near the -3dB corner frequency,
the interaction between Rf and Z(jω) dominates the circuit
performance. The value of the feedback resistor has a
large affect on the circuits performance. Increasing Rf
has the following affects:
s Decreases loop gain
s Decreases bandwidth
s Reduces gain peaking
s Lowers pulse response overshoot
s Affects frequency response phase linearity
Overdrive Protection
Unlike most other high-speed op amps, the KH205 is not
damaged by saturation caused by overdriving input
signals (where Vin x gain > max. Vo). The KH205 self
limits the current at the inverting input when the output is
saturated (see the inverting input current self limit
specification); this ensures that the amplifier will not be
damaged due to excessive internal currents during overdrive.
For protection against input signals which would exceed
either the maximum differential or common mode input
voltage, the diode clamp circuits below may be used.
Figure 1: Diode Clamp Circuits for Common Mode
and Differential Mode Protection
Short Circuit Protection
Damage caused by short circuits at the output may be
prevented by limiting the output current to safe levels.
The most simple current limit circuit calls for placing
resistors between the output stage collector supplies and
the output stage collectors (pins 12 and 10). The value
of this resistor is determined by:
where II is the desired limit current and RI is the minimum
expected load resistance (0
Ω for a short to ground).
Bypass capacitors of 0.01
µF on should be used on the
collectors as in Figures 2 and 3.
Figure 2: Recommended Non-Inverting Gain Circuit
Figure 3: Recommended Inverting Gain Circuit
A more sophisticated current limit circuit which provides a
limit current independent of RI is shown in Figure 4 on
page 5.
With the component values indicated, current limiting
occurs at 50mA.
For other values of current limit (II),
select RC to equal Vbe/lI. Where Vbe is the base to
emitter voltage drop of Q3 (or Q4) at a current of [2VCC –
1.4] / Rx, where Rx ≤ [(2VCC – 1.4) / II] Bmin.
Also, Bmin is the minimum beta of Q1 (or Q2) at a current
of II. Since the limit current depends on Vbe, which is
temperature
dependent,
the
limit
current
is
likewise temperature dependent.
differential protection
KH205
+
-
common mode
protection
Rg
+Vcc
Vin
K
Vo
-Vcc
R
V
I
R
C
C
I
I
=−
33
Ω
+15V
.1
3.9
.01
Capactance in
µF
1
12
8
3,7
200
Ω
10
11
33
Ω
.01
.1
3.9
-15V
9
+
-
KH205
Vo
Rf = 2000Ω (internal)
6
Vin
5
Ri
50
Ω
Rg
A1
R
R
v
f
g
=+
33
Ω
+15V
.1
3.9
.01
Capactance in
µF
1
12
8
5
Vin
3,7
200
Ω
10
Ri
11
33
Ω
.01
.1
3.9
-15V
9
+
-
KH205
Vo
Rf = 2000Ω (internal)
6
50
Ω
Rg
For Zin = 50Ω, select Rg||Ri = 50Ω
A
-R
R
v
f
g
=
V
V
A
1
R
Zj
o
in
v
f
=
+ ()
ω
Zj
Rf
ω
()



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com