Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH205HXC Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # KH205HXC
Description  Overdrive-Protected Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH205HXC Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  KH205HXC Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH205HXC Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH205HXC Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH205HXC Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH205HXC Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH205HXC Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH205HXC Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DATA SHEET
KH205
2
REV. 1A January 2004
PARAMETERS
CONDITIONS
TYP
MIN & MAX RATINGS
UNITS
SYM
Ambient Temperature
KH205AI
+25°C
-55°C
+25°C
+125°C
Ambient Temperature
KH205AK/AM/HXC/HXA
+25°C
-55°C
+25°C
+125°C
FREQUENCY DOMAIN RESPONSE
¦ -3dB bandwidth
Vo = <2Vpp
170
>140
>140
>125
MHz
SSBW
large-signal bandwidth
Vo = <10Vpp
100
>72
>80
>80
MHz
FPBW
gain flatness
Vo = <2Vpp
¦
peaking
0.1 to 35MHz
0
<0.3
<0.3
<0.5
dB
GFPL
¦
peaking
>35MHz
0
<0.5
<0.5
<0.8
dB
GFPH
¦
rolloff
at 70MHz
–
<0.8
<0.8
<0.8
dB
GFR
group delay
to 70MHz
3.0 ± .2
–
–
–
ns
GD
linear phase deviation
to 70MHz
0.8
<3.0
<2.0
<3.0
°
LPD
TIME DOMAIN RESPONSE
rise and fall time
2V step
2.2
<2.6
<2.6
<3.0
ns
TRS
10V step
4.8
<5.5
<5.5
<5.5
ns
TRL
settling time to 0.1%
10V step, note 2
22
<27
<27
<27
ns
TS
to 0.05%
10V step, note 2
24
<30
<30
<30
ns
TSP
overshoot
5V step
7
<14
<14
<14
%
OS
slew rate
20Vpp at 50MHz
2.4
>1.8
>2.0
>2.0
V/ns
SR
NOISE AND DISTORTION RESPONSE
¦ 2nd harmonic distortion
2Vpp, 20MHz
-57
<-50
<-50
<-50
dBc
HD2
¦ 3rd harmonic distortion
2Vpp, 20MHz
-68
<-55
<-55
<-55
dBc
HD3
equivalent input noise
voltage
>100kHz
2.1
<3.0
<3.0
<3.5
nV/
√Hz
VN
inverting current
>100kHz
22
<30
<30
<35
pA/
√Hz
ICN
non-inverting current
>100kHz
4.8
<6.5
<6.5
<7.5
pA/
√Hz
NCN
noise floor
>100kHz
-157
<-154
<-154
<-153
dBm(1Hz) SNF
integrated noise
1kHz to 150MHz
39
<55
<55
<61
µV
INV
noise floor
>5MHz
-157
<-154
<-154
<-153
dBm(1Hz) SNF
integrated noise
5MHz to 150MHz
39
<55
<55
<61
µV
INV
STATIC, DC PERFORMANCE
* input offset voltage
3.5
<8.0
<8.0
<11.0
mV
VIO
average temperature coefficient
11
<25
<25
<25
µV/°C
DVIO
* input bias current
non-inverting
3.0
<25
<15
<15
µΑ
IBN
average temperature coefficient
15
<100
<100
<100
nA/°C
DIBN
* input bias current
inverting
2.0
<22
<10
<25
µA
IBI
average temperature coefficient
20
<150
<150
<150
nA/°C
DIBI
* power supply rejection ratio
69
>55
>55
>55
dB
PSRR
common mode rejection ratio
60
>50
>50
>50
dB
CMRR
* supply current
no load
19
<20
<20
<22
mA
ICC
MISCELLANEOUS PERFORMANCE
non-inverting input resistance
DC
3.0
>1.0
>1.0
>1.0
M
Ω
RIN
non-inverting input capacitance
70MHz
5.0
<7.0
<7.0
<7.0
pF
CIN
output impedance
DC
–
<0.1
<0.1
<0.1
Ω
RO
output voltage range
no load
±12
>±11
>±11
>±11
V
VO
internal feedback resistor
absolute tolerance
–
–
<0.2
–
%
RFA
temperature coefficient
–
–
-100 ±40
–
ppm/°C
RFTC
inverting input current self limit
2.2
<3.0
<3.0
<3.2
mA
ICL
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Absolute Maximum Ratings
Recommended Operating Conditions
VCC
±20V
VCC
±5V to ±15V
Io
±75mA
Io
±50mA
common mode input voltage
±(|VCC| -1)V
common mode input voltage
±(|VCC| -5)V
differential input voltage
±3V
gain range
+7 to +50, -1 to -50
thermal resistance
(see thermal model)
operating temperature
AI: -25°C to +85°C
note 1:
*
AI/AK/AM/HXC/HXA
100% tested at +25°C
AK/AM/HXC/HXA: -55°C to +125°C
¦ AK/AM/HXC/HXA
100% tested at +25°C and
sample tested storage temperature
-65°C to +150°C
at -55°C and +125°C
lead temperature (soldering 10s)
+300°C
¦ AI
sample tested at +25°C
note 2:
Settling time specifications require the use of an
external feedback resistor (2
Ω)
KH205 Electrical Characteristics (Av = +20V, VCC = ±15V, RL = 200Ω, Rf = 2kΩ; unless specified)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com