Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH207AI Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # KH207AI
Description  Low Distortion Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH207AI Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  KH207AI Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH207AI Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH207AI Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH207AI Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH207AI Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH207AI Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH207AI Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
KH207
DATA SHEET
REV. 1A January 2004
3
KH207 Typical Performance Characteristics (TA = +25°C,Av = +20,VCC = ±15V,Rf = 20Ω,RL = 200Ω;unless specified)
Non-Inverting Frequency Response
Frequency (MHz)
2
0
20
40
60
80 100 120 140 160 180 200
Gain
Phase
Av = +7
Av = +20
Av = +50
Av = +7
Av = +20
Av = +50
Inverting Frequency Response
Frequency (MHz)
2
0
20
40
60
80 100 120 140 160 180 200
Gain
Phase
Av = -1
Av = -7
Av = -1
Av = -7
Av = -20
Av = -50
Av = -20
Av = -50
Frequency Response vs. External Rf
Frequency (MHz)
2
0
20
40
60
80 100 120 140 160 180 200
Rf = 1.5kΩ
Av = +7
Av = +50
Av = +20
Rf = 2kΩ
Rf = 3kΩ
Rf = 1.5kΩ
Rf = 2kΩ
Rf = 3kΩ
Rf = 1.5kΩ
Rf = 2kΩ
Rf = 3kΩ
Large Signal Gain and Phase
Frequency (MHz)
2
0
15
30
45
60
75
90 105 120 135 150
Vo = 10Vpp
Gain
Phase
Relative Bandwidth vs. VCC
±V
CC (V)
2
4
6
8
10
12
14
16
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Gain and Phase for Various Loads
Frequency (MHz)
2
0
20
40
60
80 100 120 140 160 180 200
RL = 50Ω
RL = 100Ω
RL = 200Ω
RL = 1kΩ
RL = 1kΩ
RL = 200Ω
RL = 100Ω
RL = 50Ω
Gain
Phase
Small Signal Pulse Response
Time (5ns/div)
2
Av = +20
Av = -20
Large Signal Pulse Response
Time (5ns/div)
2
Av = +20
Av = -20
Settling Time
Time (5ns/div)
2
10V step
Rf = 2kΩ (external)
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
2nd and 3rd Harmonic Distortion
Frequency (MHz)
K
-40
-75
-70
-65
-60
-55
-50
-45
-90
1
10
100
-80
-85
2nd
3rd
2nd Harmonic Distortion, RL = 100Ω
Frequency (MHz)
K
-20
-70
-60
-50
-40
-30
-90
1
10
100
-80
8Vpp
16Vpp
4Vpp
2Vpp
1Vpp
3rd Harmonic Distortion, RL = 100Ω
Frequency (MHz)
K
-20
-70
-60
-50
-40
-30
-90
1
10
100
-80
8Vpp
16Vpp
4Vpp
2Vpp
1Vpp
Equivalent Input Noise
Frequency (Hz)
K
100
10
1
100
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
Inverting Current 20pA
√Hz
Non-Inverting Current 2.2pA
√Hz
Voltage 1.6nV/
√Hz
2-Tone, 3rd Order Intermod. Intercept
Frequency (MHz)
K
45
40
35
30
25
20
15
0
10
20
30
40
50
60
70
80
90 100
50
Ω
50
Ω
Pout
CMRR and PSRR
Frequency (Hz)
2
0
20
40
60
80
100
100
1k
100M
10k
100k
1M
10M
PSRR
CMRR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com