Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH563 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # KH563
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH563 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  KH563 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH563 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
REV. 1A January 2008
DATA SHEET
KH563
PARAMETERS
CONDITIONS
TYP
MIN & MAX RATINGS
UNITS
SYM
Case Temperature
KH563AI
+25°C
-25°C
+25°C
+85°C
FREQUENCY DOMAIN RESPONSE (Max. Flat Compensation)
¦ -3dB bandwidth
¦ maximally flat compensation
Vo <2Vpp (+10dBm)
215
>175
>185
>175
MHz
SSBW
0% overshoot compensation
Vo <2Vpp (+10dBm)
210
>170
>180
>170
MHz
large signal bandwidth
Vo <10Vpp (+24dBm)
150
>145
>135
>120
MHz
FPBW
(see Frequency Response vs. Output Power plot)
gain flatness
Vo <2Vpp (+10dBm)
¦
peaking
0.1 -50MHz
0
<0.50
<0.40
<0.50
dB
GFPL
¦
peaking
>50MHz
0
<1.75
<0.75
<1.00
dB
GFPH
¦
rolloff
at 100MHz
0.1
<1.00
<0.75
<1.00
dB
GFR
group delay
to 100MHz
2.9
––
–
ns
GD
linear phase deviation
to 100MHz
0.6
<1.7
<1.2
<1.7
°
LPD
return loss (see discussion of Rx)
to 100MHz
-15
<-11
<-11
<-11
dB
RL
DISTORTION (Max. Flat Compensation)
2nd harmonic distortion
¦
24dBm (10Vpp):
20MHz
-50
<-38
<-40
<-38
dBc
HD2HL
¦
50MHz
-36
<-29
<-29
<-22
dBc
HD2HM
100MHz
-40
<-25
<-25
<-25
dBc
HD2HH
¦
18dBm (5Vpp):
20MHz
-52
<-42
<-44
<-42
dBc
HD2ML
¦
50MHz
-45
<-30
<-35
<-30
dBc
HD2MM
¦
100MHz
-30
<-22
<-25
<-25
dBc
HD2MH
¦
10dBm (2Vpp):
20MHz
-59
<-48
<-52
<-48
dBc
HD2LL
¦
50MHz
-52
<-36
<-40
<-40
dBc
HD2LM
100MHz
-35
<-27
<-28
<-28
dBc
HD2LH
3rd harmonic distortion
¦
24dBm (10Vpp):
20MHz
-41
<-34
<-34
<-30
dBc
HD3HL
¦
50MHz
-32
<-26
<-26
<-21
dBc
HD3HM
¦
100MHz
-30
<-24
<-24
<-24
dBc
HD3HH
¦
18dBm (5Vpp):
20MHz
-48
<-40
<-44
<-44
dBc
HD3ML
¦
50MHz
-46
<-37
<-37
<-35
dBc
HD3MM
100MHz
-36
<-30
<-30
<-30
dBc
HD3MH
¦
10dBm (2Vpp):
20MHz
-62
<-54
<-57
<-57
dBc
HD3LL
¦
50MHz
-60
<-49
<-52
<-49
dBc
HD3LM
100MHz
-49
<-45
<-45
<-45
dBc
HD3LH
2-tone 3rd order
intermod intercept2
20MHz
38
>36
>36
>36
dBm
IM3L
50MHz
35
>32
>32
>32
dBm
IM3M
100MHZ
29
>27
>27
>23
dBm
IM3H
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
KH563 Electrical Characteristics (Av = +10V, VCC = ±15V, RL = 50
Ω,R
f = 410
Ω,R
g = 40
Ω,R
o = 50
Ω;unlessspecified)
NOTES TO THE ELECTRICAL SPECIFICATIONS
The electrical characteristics shown here apply to the specific test conditions shown above (see also Figure 1 in
description of the operation). The KH563 provides an equivalent, non-zero, output impedance determined by the
external resistors. The signal gain to the load is therefore load dependent. The signal gain shown above (Av =
+10) is the no load gain. The actual gain to the matching 50
Ω
load used in these specifications is half of this (+5).
The KH563 requires an external compensation capacitor. Unless otherwise noted, this has been set to 10.5pF for
the frequency domain specifications (yielding a maximally flat frequency response) and 12.5pF for the time domain
specifications (yielding a 0% small signal pulse overshoot response).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com