Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH563AI Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # KH563AI
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH563AI Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  KH563AI Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH563AI Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH563AI Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH563AI Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH563AI Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH563AI Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH563AI Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH563AI Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH563AI Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
KH563
DATA SHEET
REV. 1A January 2008
5
KH563 Typical Performance Characteristics ((TTAA == ++2255°°CC,, CCiirrccuuiitt iinn FFiigguurree 11;; uunnlleessss ssppeecciiffiieedd))
Small Signal Pulse Response
Time (2ns/div)
561 Plot16
Maximally Flat
Compensation
0
-1.2
-0.8
-0.4
0.4
1.2
0% Overshoot
Compensation
0.8
Large Signal Pulse Response
Time (5ns/div)
561 Plot17
Maximally Flat
Compensation
0
-6
-4
-2
2
6
0% Overshoot
Compensation
4
Uni-Polar Pulse Response
Time (5ns/div)
561 Plot18
Maximally Flat
Compensation
0
-6
-4
-2
2
6
4
Settling Time into 50
Ω
Load
Time (sec)
561 Plot19
0
-1.5
-1.0
-0.5
0.5
1.5
1.0
2.0
-2.0
10-9
10-7
10-5
10-3
10-1
101
5V Output Step
Settling Time into 500
Ω
Load
Time (sec)
561 Plot20
5V Output Step
0
-1.5
-1.0
-0.5
0.5
1.5
1.0
2.0
-2.0
10-9
10-7
10-5
10-3
10-1
101
Reverse Transmission Gain & Phase (S12)
Frequency (MHz)
561 Plot22
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
0
-45
-180
-90
-135
Gain
Phase
Settling Time into 50pF Load
Time (sec)
561 Plot21
5V Output Step
0
-1.5
-1.0
-0.5
0.5
1.5
1.0
2.0
-2.0
10-9
10-7
10-5
10-3
10-1
101
Output Return Loss (S22)
Frequency (MHz)
561 Plot24
-25
-20
-15
-10
-5
0
0
50
100
150
200
250
Ro = 50
Ω
Rx = 0
Ω
-50
-45
-40
-35
-30
Ro = 40
Ω
Rx = 10
Ω
Re-compensated
at each Rx
Input Return Loss (S11)
Frequency (MHz)
561 Plot23
-50
-40
-30
-20
-10
0
0
50
100
150
200
250
0
-45
-180
-90
-135
Magnitude
Phase
Re-compensated
at each Rx
-1dB Compensation Point
Frequency (MHz)
561 Plot25
29
30
31
32
33
34
0
20
40
60
80
100
Ro = 50
Ω
24
25
26
27
28
Ro = 75
Ω
Match Load
Re-compensated at each load
Noise Figure
No Load Gain
561 Plot26
17
18
19
20
21
22
5
10
15
20
25
30
Ro = 50
Ω
12
13
14
15
16
Ro = 25
Ω
Ro = 75
Ω
Ro = 100
Ω
Non-inverting input impedance
matched to source impedance
Equivalent Input Noise
Frequency (Hz)
561 Plot27
1
6
20
40
60
100
100
1k
10k
100k
10M
100M
Inverting Current 34pA/
√
Hz
10
4
2
1
6
20
40
60
100
10
4
2
Non-Inverting Voltage 2.1nV/
√
Hz
Non-Inverting Current 2.8pA/
√
Hz
1M
Group Delay
Frequency (MHz)
561 Plot28
3.0
3.2
3.4
3.6
3.8
4.0
0
50
100
150
200
250
2.0
2.2
2.4
2.6
2.8
Aperture set to 5%
of span (12.8MHz)
Gain Error Band (Worst Case, DC)
No Load Gain
561 Plot29
0
1
2
3
4
5
5
9
13
17
21
25
-5
-4
-3
-2
-1
Ro (nominal) = 50
Ω
RL = 50
Ω±
0%
Rf and Rg
tolerance =
±
0.1%
Rf and Rg
tolerance =
±
1%
PSRR
Frequency (Hz)
561 Plot30
50
60
70
80
90
100
100
1k
10k
100k
1M
100M
0
10
20
30
40
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com