Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH561AM Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # KH561AM
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH561AM Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button KH561AM Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH561AM Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH561AM Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH561AM Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH561AM Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH561AM Datasheet HTML 10Page - Cadeka Microcircuits LLC. KH561AM Datasheet HTML 11Page - Cadeka Microcircuits LLC. KH561AM Datasheet HTML 12Page - Cadeka Microcircuits LLC. KH561AM Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
DATA SHEET
KH561
12
REV. 1A January 2004
Figure 10: Thermal Model
Note that the Pt and Pq equations are written for positive
Vo. Absolute values of -VCC, Vo, and Io, should be used
for a negative going Vo. since we are only interested in
delta V’s. For bipolar swings, the two powers for each
output polarity are developed as shown above then
ratioed by the duty cycle. Having the total internal power,
as well as its component parts, the maximum junction
temperature may be computed as follows.
Tc = TA + (Pq + PT + Pcircult) • θca Case Temperature
θ
ca = 35°C/W for the KH561 with no heatsink in still air
Tj(t) =Tc + Pt • 20°C/W
output transistor junction temperature
Tj(q) = Tc + Pq • 200°C/W
hottest internal junction temperature
The Limiting Factor for Output Power is Maximum
Junction Temperature
Reducing
θ
ca
through
either
heatsinking
and/or
airflow can greatly reduce the junction temperatures.
One effective means of heatsinking the KH561 is to use
a thermally conductive pad under the part from the pack-
age bottom to a top surface ground plane on the compo-
nent side. Tests have shown a
θ
ca of 24°C in still air
using a “Sil Pad” available from Bergquist (800-347-
4572).
As an example of calculating the maximum internal junc-
tion temperatures, consider the circuit of Figure 1 driving
±2.5V, 50% duty cycle, square wave into a 50
Ω load.
Note that 1/2 of the total PT and Pa powers were used
here since the 50% duty cycle output splits the power
evenly between the two halves of the circuit whereas the
total powers were used to get case temperature.
Even with the output current internally limited to 250mA,
the KH561’s short circuiting capability is principally a
thermal issue. Generally, the KH561 can survive short
duration shorts to ground without any special effort. For
protection against shorts to the ±15 volt supply voltages,
it is very useful to reduce some of the voltage across the
output stage transistors by using some external output
resistance, Rx, as shown in Figure 9.
Evaluation Board
An evaluation board (part number 730019) for the KH561
is available.
R50
410
5
51
45.6
I
2.5V / 45.6
54.9mA
I
54.9mA
54.9mA
.06
68.1mA
P
68.1mA 15
2.5
0.7 15.3
68.1mA
733mW
total power in both sides of the output stage
P
2 68.1mA 15 1.4 17.3
68.1mA
169mW
total power in both sides of hottest
eq
o
T
1
2
22
T
q
=
⋅
−


=
=
() =
=+
() + ()


=
=−
−
−
⋅
[] =
=⋅
−
−
⋅
[] =
Ω
Ω
Ω
Ω
Ω
Ω
0.
junctions
junctions
prior to output stage
P
1.3 15
2 68.1mA
54.9mA 19.2mA
733mW 169mW
1.058W
power in the remainder of circuit
With these powers and T
25 C and
35 C / W
T
25 C
.733 .169 1.058 35
94 C
case temperature
From this, the hottest internal junctions may be found as
T t
94 C
.733 20
101
circuit
Aca
c
j
1
2
=⋅
()⋅⋅
−
+
[]
−−
=
=°
=
°
=° +
+
+
()⋅= °
() =° + ()⋅=
°
θ
C
C output stage
T q
94 C
.169 200
111 C
hottest internal junction
j
1
2
() =° + ()⋅=
°
Ambient
Temperature
θca
200
°C/W
20
°C/W
Tj(t)
TA
Pt
Tj(q)
Pq
Pcircuit
Case Temperature
Tc
Case to Ambient
Termal Impedance
I
V / R
total output current
with R
R
RA
A1
total load
I
I
I
.06
total internal output stage current
P
I
V
1.4 17.3
I output stage power
P
.2 I
V
V
0.7 15.3
I
power in hottest internal junction
prior
oo
eq
eq
L
f
L
L
t
1
2
oo
2
2
tt
CC
t
qt
CC
ot
=
=
−
=+
+
()


=⋅
−
−
⋅
()
=⋅ ⋅
−
−
−
⋅
()
Ω
Ω
0
to
to output stage
P
1.3 V
2 I
I
19.2mA
P
P
power in remainder of circuit [note V
| V
|]
circuit
CC
to
t
q
CC
CC
=⋅
⋅
⋅ −
+
() −−
=−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com