Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC1621 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # MMBTSC1621
Description  NPN Silicon Epitaxial Planar Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTSC1621 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MMBTSC1621 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBTSC1621 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 20/10/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MMBTSC1621
Characteristics at Tamb=25 OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=1V, IC=10mA
at VCE=1V, IC=10mA, Ta= -55 OC
at VCE=2V, IC=100mA
hFE
hFE
hFE
40
20
20
-
-
-
120
-
-
-
-
-
Small Signal Current Gain
at VCE=10V, IC=1mA, f=100MHz
hfe
5
-
-
-
Collector Cutoff Current
at VCB=20V
at VCB=20V, Tj=125 OC
ICBO
-
-
-
-
0.4
30
µA
mA
Collector Saturation Voltage
at IC=10mA, IB=1mA
VCE(sat)
-
-
0.25
V
Base Saturation Voltage
at IC=10mA, IB=1mA
VBE(sat)
0.7
-
0.85
V
Collector Emitter Breakdown Voltage
at IC=10mA
V(BR)CEO
15
-
-
V
Collector Emitter Breakdown Voltage
at IC=10mA
V(BR)CES
40
-
-
V
Collector Base Breakdown Voltage
at IC=10mA
V(BR)CBO
40
-
-
V
Emitter Base Breakdown Voltage
at IE=10mA
V(BR)EBO
4.5
-
-
V
Output Capacitance
at VCB=5V, f=1MHz
Cob
-
-
4
pF
Storage Time
at ICon=IBon= -IBoff=10mA
ts
-
5
13
ns
Turn-on Time
at IC=10mA, IBon=3mA, VCC=3V
ton
-
8
12
ns
Turn-off Time
at IC=10mA, IBon=3mA, IBoff=1.5mA, VCC=3V
toff
-
10
18
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com