Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAS20
Description  HIGH VOLTAGE SWITCHING DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS20 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAS20 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 19/12/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAS19, BAS20, BAS21
HIGH VOLTAGE SWITCHING DIODES
BAS19
Marking Code: HA
BAS20
Marking Code: HB
BAS21
Marking Code: HC
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Continuous Reverse Voltage
BAS19
BAS20
BAS21
VR
120
200
250
V
Continuous Forward Current
IF
200
mA
Peak Forward Surge Current
IFM(surge)
625
mA
Total Device Dissipation FR-5 Board
1)
TA=25 OC
Derate above 25 OC
PD
225
1.8
mW
mW/OC
Thermal Resistance Junction to Ambient
RθJA
556
O
C/W
Total Device Dissipation Alumina Substrate
2)
TA=25 OC
Derate above 25 OC
PD
300
2.4
mW
mW/OC
Thermal Resistance Junction to Ambient
RθJA
417
O
C/W
Junction and Storage Temperature Range
TJ ,TS
-55 to +150
O
C
Characteristics at Tj = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 100 mA
at IF = 200 mA
VF
VF
-
-
1
1.25
V
V
Reverse Breakdown Voltage
at IBR = 100 µA
at IBR = 100 µA
at IBR = 100 µA
BAS19
BAS20
BAS21
V(BR)
V(BR)
V(BR)
120
200
250
-
-
-
V
V
V
Reverse Voltage Leakage Current
at VR = 100 V
at VR = 150 V
at VR = 200 V
at VR = 100 V, TJ = 150 OC
at VR = 150 V, TJ = 150 OC
at VR = 200 V, TJ = 150 OC
BAS19
BAS20
BAS21
BAS19
BAS20
BAS21
IR
IR
IR
IR
IR
IR
-
-
-
-
-
-
0.1
0.1
0.1
100
100
100
µA
µA
µA
µA
µA
µA
Diode Capacitance
at f = 1 MHz
Cd
-
5
pF
Reverse Recovery Time
at IF = IR= 30 mA, IR(REC) = 3 mA, RL = 100 Ω
trr
-
50
ns
1) FR-5=1 x 0.75 x 0.062 in.
2) Alumina=0.4 x 0.3 x 0.024in.99.5% alumina.
1
3
2
SOT-23 Plastic Package


Similar Part No. - BAS20

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS20 PANJIT-BAS20 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS20 PHILIPS-BAS20 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS20 VISHAY-BAS20 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS20 TRSYS-BAS20 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zetex Semiconductors
BAS20 ZETEX-BAS20 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
More results

Similar Description - BAS20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
High-voltage switching diodes
Rev. 01-8 September 2006
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
High Voltage Switching Diodes
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21W PHILIPS-BAS21W_15 Datasheet
76Kb / 11P
High-voltage switching diodes
Rev. 01-9 October 2009
BAS101_BAS101S PHILIPS-BAS101_BAS101S_15 Datasheet
126Kb / 11P
High-voltage switching diodes
Rev. 02-14 December 2009
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
High Voltage Switching Diodes
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
High Voltage Switching Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com