Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAS70WS
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS70WS Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAS70WS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS70WS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAS70WS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 01/09/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAS70WS
SMALL SIGNAL SCHOTTKY DIODE
Features
• Low forward voltage drop
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
70
V
Continuous Forward Current
IF
70
mA
Surge Non-Repetitive Forward Current (tp = 10 ms)
IFSM
1
A
Total Power Dissipation
Ptot
230
mW
Thermal Resistance Junction to Ambient
1)
RthJA
550
O
C/W
Junction Temperature
TJ
150
O
C
Storage Temperature Range
Ts
- 65 to + 150
O
C
1) Mounted on epoxy board, with recommended pad layout.
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 10 μA
VBR
70
-
V
Forward Voltage
at IF = 1 mA
VF
-
410
mV
Reverse Current
at VR = 50 V
IR
-
100
nA
Diode Capacitance
at VR = 0 V, f = 1 MHz
Ctot
-
2
pF
Anode
2
Top View
Marking Code: "SX"
Simplified outline SOD-323 and symbol
1
SX
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - BAS70WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS70WS JIANGSU-BAS70WS Datasheet
297Kb / 3P
SCHOTTKY DIODE
logo
Weitron Technology
BAS70WS WEITRON-BAS70WS Datasheet
202Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
BAS70WS WTE-BAS70WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAS70WS BILIN-BAS70WS Datasheet
167Kb / 2P
Schottky barrier diodes
More results

Similar Description - BAS70WS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com