Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF01 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # DF01
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

DF01 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  DF01 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. DF01 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated :28/09/2005 H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
DF005 THRU DF10
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
Reverse Voltage – 50 to 1000 Volts
Forward Current – 1.0 Ampere
Features
• Glass passivated chip junction
• Low forward voltage drop
• High surge overload rating of 50 Amperes peak
• Ideal for printed circuit board
• High temperature soldering guaranteed:
260OC for 10 seconds
Mechanical Data
Case: Molded plastic, DB
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Weight: 0.02ounce, 0.4gram
Absolute Maximum Ratings and Characteristics
Ratings at 25OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
Symbols
DF005
DF01
DF02
DF04
DF06
DF08
DF10
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TA = 40 OC
I(AV)
1
A
Peak Forward Surge Current, 8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
IFSM
50
A
Maximum Forward Voltage at 1A DC
VF
1.1
V
at TA = 25OC
5
Maximum Reverse Voltage
at Rated DC Blocking Voltage
at TA =125OC
IR
500
µA
Typical Junction Capacitance
1)
CJ
25
pF
Typical Thermal Resistance
2)
RθJA
40
OC/W
Typical Thermal Resistance
2)
RθJL
15
OC/W
Operating and storage temperature range
TJ ,TS
-55 to +150
OC
1) Measured at 1MHz and applied reverse voltage of 4VDC.
2) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5″ (13 x 13mm) copper pads.


Similar Part No. - DF01

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF01 WTE-DF01 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF01 SSE-DF01 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF01 CHENYI-DF01 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF01 GOOD-ARK-DF01 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF01 WTE-DF01 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DF01

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
4RS201M RECTRON-4RS201M Datasheet
100Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU8A GENESIC-GBU8A_16 Datasheet
346Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBU10J GENESIC-GBU10J_16 Datasheet
333Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC3506TW GENESIC-GBPC3506TW_16 Datasheet
341Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC15005TW GENESIC-GBPC15005TW_16 Datasheet
352Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G_16 Datasheet
312Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBP206G GENESIC-KBP206G_16 Datasheet
354Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com