Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9014QLT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L9014QLT3G
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L9014QLT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  L9014QLT3G Datasheet HTML 1Page - Leshan Radio Company L9014QLT3G Datasheet HTML 2Page - Leshan Radio Company L9014QLT3G Datasheet HTML 3Page - Leshan Radio Company L9014QLT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
L9014*LT1G
ELECTRICAL CHARACTERISTICS (TA
=25
oC unless otherwise noted)
OFF CHARACTERISTICS
Symbol
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
V(BR)CEO
45
-
-
V
(IC=1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
(IE=100 A)
Collector-Base Breakdown Voltage
V(BR)CBO
50
-
-
V
(IC=100 A)
Collector Cutoff Current (VCB=40V)
ICBO
-
-
100
nA
Emitter Cutoff Current (VEB=3V)
IEBO
100
nA
ON CHARACTERISTICS
DC Current Gain
(IC=1mA, VCE=5V)
HFE
150
-
1000
Collector-Emitter Saturation Voltage
(IC=100mA,IB=5mA)
VCE
-
-
0.3
V
NOTE:
*
Q
R
S
T
HFE
150~300
200~400
300~600
400~1000
Characteristic
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com