Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P600B Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # P600B
Description  PLASTIC SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

P600B Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  P600B Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. P600B Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated :21/03/2008
H
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
P600A THRU P600M
PLASTIC SILICON RECTIFIERS
Reverse Voltage - 50 to 1000 V
Forward Current - 6 A
Features
• Low forward voltage
• High current capability
• High reliability
• High forward surge current capability
Mechanical Data
• Case: Molded plastic, R-6
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Axial leads, solderable per MIL-STD -202,
method 208 guaranteed
• Polarity: Color band denotes cathode
• Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbols
P600A P600B P600D P600G P600J P600K P600M Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current at
0.375" (9.5 mm) Lead Length, TA = 60
OC
IF(AV)
6
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
400
A
Maximum Forward Voltage at 6 A
VF
1
V
Maximum Reverse Current
at TA = 25 OC
at Rated DC Blocking Voltage
at TA = 100 OC
IR
5
1000
µA
Typical Junction Capacitance
1)
CJ
150
pF
Typical Thermal Resistance
2)
RθJA
10
O
C/W
Operating and Storage Temperature Range
TJ ,TS
- 55 to + 150
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 V D.C.
2) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length P.C.B. Mounted with 1.1 X 1.1 (30 X 30 mm) copper pads.


Similar Part No. - P600B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600B PANJIT-P600B Datasheet
50Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Transys Electronics
P600B TRSYS-P600B Datasheet
144Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
P600B WTE-P600B Datasheet
36Kb / 3P
6.0A SILICON RECTIFIER
logo
Semtech Corporation
P600B SEMTECH-P600B Datasheet
127Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Dc Components
P600B DCCOM-P600B Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - P600B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001S PANJIT-1N4001S_07 Datasheet
89Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1A1 CTC-1A1 Datasheet
96Kb / 2P
PLASTIC SILICON RECTIFIERS
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
PLASTIC SILICON RECTIFIERS
CT4A01 CTC-CT4A01_15 Datasheet
63Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1A1 HY-1A1_18 Datasheet
178Kb / 3P
Plastic Silicon Rectifiers
RL251 HY-RL251_18 Datasheet
183Kb / 3P
Plastic Silicon Rectifiers
1N4001 HY-1N4001_V01 Datasheet
760Kb / 3P
Plastic Silicon Rectifiers
RL251 HY-RL251_V01 Datasheet
762Kb / 3P
Plastic Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com