Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1008 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1008
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1008 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1008 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1008 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 27/03/2009
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC1008
NPN Silicon Epitaxial Planar Transistor
for medium speed switching and low frequency
amplifier applications.
The transistor is subdivided into three groups, R,
O, Y,and G according to its DC current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
80
V
Collector Emitter Voltage
VCEO
60
V
Emitter Base Voltage
VEBO
8
V
Collector Current
IC
700
mA
Collector Power Dissipation
Ptot
800
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 2 V, IC = 50 mA
Current Gain Group
R
O
Y
G
hFE
hFE
hFE
hFE
40
70
120
200
-
-
-
-
80
140
240
400
-
-
-
-
Collector Base Cutoff Current
at VCB = 60 V
ICBO
-
-
0.1
µA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
-
0.1
µA
Collector Base Breakdown Voltage
at IC = 100 µA
V(BR)CBO
80
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
60
-
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
8
-
-
V
Collector Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VCEsat
-
-
0.4
V
Base Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VBEsat
-
-
1.1
V
Gain Bandwidth Product
at VCE = 10 V, IC = 50 mA
fT
30
-
-
MHz
Output Capacitance
at VCB = 10 V, IE = 0, f = 1 MHz
Cob
-
8
-
pF
1. Emitter 2. Base 3. Collector
TO-92 Plastic Package


Similar Part No. - ST2SC1008

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC1213 SEMTECH_ELEC-ST2SC1213 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST2SC1213A SEMTECH_ELEC-ST2SC1213A Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST2SC1359 SEMTECH_ELEC-ST2SC1359 Datasheet
284Kb / 2P
NPN Epitaxial Silicon Transistor
ST2SC1383 SEMTECH_ELEC-ST2SC1383 Datasheet
270Kb / 4P
NPN Silicon Epitaxial Planar Transistor
ST2SC1384 SEMTECH_ELEC-ST2SC1384 Datasheet
270Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC1008

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com