Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB156S Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # DB156S
Description  SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

DB156S Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  DB156S Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. DB156S Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 10/12/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
FIG.1-Derating curve output
rectified current
TJ=25 
C
Pulse width=300 s
1% duty cycle
100
Ambient Temperature( 
c)
Instantaneous forward voltage(v)
F
ig.3-Typical forward characteristics
per leg
Fig.5-Typical junction capacitance
per leg
Reverse voltage(v)
1
1
10
10
100
0.6
0.4
0.01
0.1
0.8
1
10
P.C.B.mounted on
0.51*0.51"(13*13mm)
Copper pads
20
0
40
0.5
60
80
1.0
1.5
Fig.6-Typical transient thermal impedance
t,Heating time(sec)
0.01
100
0.1
1
TJ=25 
C
f=1.0MHz
Vsig=50mVp-p
10
100
0.1
1
10
100
TJ=150 
C
Single sine-wave
(JEDEC method)
80
Percent of rated peak reverse voltage(v)
FIG.2-Maximum non-repetitive peak
forward surge current per leg
1.0
1.2
1.4
0.01
0
0.1
1
10
100
TJ=50 
C
40
20
60
TJ=125 
C
Fig.4-Typical reverse leakage
characteristics per leg
1
160
120
140
10
0
20
30
60Hz
Resistive or
Inductive Load
40
50
60
Number of cycles at 60 Hz
10
100
100
DB151S THRU DB157S
(μA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com