Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS352 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1SS352
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1SS352 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1SS352 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1SS352 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1SS352 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 07/04/2009
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1SS352
SILICON EPITAXIAL PLANAR DIODE
Features
• Low forward voltage
• Fast Reverse Recovery Time
• Small Total Capacitance
Application
• Ultra high speed switching
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Maximum (Peak) Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Average Forward Current
IO
100
mA
Maximum (Peak) Forward Current
IFM
200
mA
Surge Forward Current (10 ms)
IFSM
1
A
Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
125
O
C
Storage Temperature Range
Tstg
- 55 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
1.2
V
Reverse Current
at VR = 30 V
at VR = 80 V
IR
0.1
0.5
µA
Total Capacitance
at f = 1 MHz
CT
3
pF
Reverse Recovery Time
at IF = 10 mA
trr
4
ns
Anode
2
Top View
Marking Code: "W2"
Simplified outline SOD-323 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
W2


Similar Part No. - 1SS352

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS352 TOSHIBA-1SS352 Datasheet
121Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
1SS352 TOSHIBA-1SS352 Datasheet
203Kb / 3P
Ultra High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS352 KEXIN-1SS352 Datasheet
33Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION DIODE
logo
Toshiba Semiconductor
1SS352 TOSHIBA-1SS352 Datasheet
214Kb / 3P
Ultra High Speed Switching Application
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results

Similar Description - 1SS352

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com